Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments TLC320AC02IPM Datasheet HTML 44Page - Texas Instruments TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments TLC320AC02IPM Datasheet HTML 48Page - Texas Instruments TLC320AC02IPM Datasheet HTML 49Page - Texas Instruments TLC320AC02IPM Datasheet HTML 50Page - Texas Instruments TLC320AC02IPM Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
3–8
3.6
Timing Requirements and Specifications in Master Mode
3.6.1
Recommended Input Timing Requirements for Master Mode, VDD = 5 V
MIN
NOM
MAX
UNIT
tr(MCLK)
Master clock rise time
5
ns
tf(MCLK)
Master clock fall time
5
ns
Master clock duty cycle
40%
60%
tw(RESET)
RESET pulse duration
1 MCLK
tsu(DIN)
DIN setup time before SCLK low (see Figure 4–2)
25
ns
th(DIN)
DIN hold time after SCLK low (see Figure 4–2)
20
ns
3.6.2
Operating Characteristics Over Recommended Range of Operating Free-Air
Temperature, VDD = 5 V (Unless Otherwise Noted) (see Note 23)
PARAMETER
MIN
TYP†
MAX
UNIT
tf(SCLK)
Shift clock fall time (see Figure 4–2)
13
18
ns
tr(SCLK)
Shift clock rise time (see Figure 4–2)
13
18
ns
Shift clock duty cycle
45%
55%
td(CH-FL)
Delay time from SCLK high to FSD low
(see Figures 4–2 and 4–4 and Note 24)
5
20
ns
td(CH-FH)
Delay time from SCLK high to FS high (see Figure 4–2)
5
20
ns
td(CH-DOUT)
Delay time from SCLK high to DOUT valid
(see Figures 4–2 and 4–7)
20
ns
td(CH-DOUTZ)
Delay time from SCLK
↑ to DOUT in high-impedance state
(see Figure 4–8)
20
ns
td(ML-EL)
Delay time from MCLK low to EOC low (see Figure 4–9)
40
ns
td(ML-EH)
Delay time from MCLK low to EOC high (see Figure 4–9)
40
ns
tf(EL)
EOC fall time (see Figure 4–9)
13
ns
tr(EH)
EOC rise time (see Figure 4–9)
13
ns
td(MH-CH)
Delay time from MCLK high to SCLK high
50
ns
td(MH-CL)
Delay time from MCLK high to SCLK low
50
ns
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES: 23. All timing specifications are valid with CL = 20 pF.
24. FSD occurs 1/2 shift-clock cycle ahead of FS when the device is operating in the master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com