Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 16Page - Texas Instruments TLC320AC02IPM Datasheet HTML 17Page - Texas Instruments TLC320AC02IPM Datasheet HTML 18Page - Texas Instruments TLC320AC02IPM Datasheet HTML 19Page - Texas Instruments TLC320AC02IPM Datasheet HTML 20Page - Texas Instruments TLC320AC02IPM Datasheet HTML 21Page - Texas Instruments TLC320AC02IPM Datasheet HTML 22Page - Texas Instruments TLC320AC02IPM Datasheet HTML 23Page - Texas Instruments TLC320AC02IPM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
2–5
Register Read Data or All 0s
ADC Conversion Result
DAC Input Data
Control and Device Parameter
Data
16 SCLKs
16 SCLKs
Frame-Sync Interval
(primary communication)
Frame-Sync Interval
(secondary
communication)
SCLK
FS
DOUT
DIN
[ (B register)/2] FCLK Periods†
† The time between the primary and secondary frame sync is the time equal to filter clock (FCLK) period multiplied by the
B-register contents divided by two. The time interval is rounded to the nearest shift clock. The secondary frame-sync
signal goes from high to low on the next shift clock low-to-high transition after (B register/2) filter clock periods.
Figure 2–1. Functional Sequence for Primary and Secondary Communication
2.7
Number of Slaves
The maximum number of slaves is determined by the sum of the individual device delays from the
frame-sync (FS) input low to the frame-sync delayed (FSD) low for all slaves according to equation 1:
(n) / tp(FS – FSD) < 1/2 shift-clock period
(1)
Where:
n is the number of slave devices.
Example:
From equation 1 above, the number of slaves is given by equation 2:
(n)
v 1
2
x (SCLK period) x
1
tp(FS
* FSD)
(2)
assuming the master clock is 10.368 MHz and the shift clock is 2.5965 MHz and tp(FS – FSD) is 40 ns, then
according to equation 3, the number of slaves is:
n
v
1
2.5965 MHz
x 1
2
x
1
40 ns
+ 1000
192
+ 4.8
(3)
The maximum number of slaves under these conditions is four.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com