Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 8Page - Texas Instruments TLC320AC02IPM Datasheet HTML 9Page - Texas Instruments TLC320AC02IPM Datasheet HTML 10Page - Texas Instruments TLC320AC02IPM Datasheet HTML 11Page - Texas Instruments TLC320AC02IPM Datasheet HTML 12Page - Texas Instruments TLC320AC02IPM Datasheet HTML 13Page - Texas Instruments TLC320AC02IPM Datasheet HTML 14Page - Texas Instruments TLC320AC02IPM Datasheet HTML 15Page - Texas Instruments TLC320AC02IPM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
1–5
1.4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.†
NO.‡
I/O
DESCRIPTION
ADC VDD
24
32
I
Analog supply voltage for the ADC channel
ADC VMID
23
30
O
Midsupply for the ADC channel (requires a bypass capacitor). ADC VMID must be
buffered when used as an external reference.
ADC GND
22
27
I
Analog ground for the ADC channel
AUX IN +
28
38
I
Noninverting input to auxiliary analog input amplifier
AUX IN –
27
37
I
Inverting input to auxiliary analog input amplifier
DAC VDD
5
49
I
Digital supply voltage for the DAC channel
DAC VMID
6
51
O
Midsupply for the DAC channel (requires a bypass capacitor). DAC VMID must be
buffered when used as an external reference.
DAC GND
7
54
I
Analog ground for the DAC channel
DIN
10
1
I
Data input. DIN receives the DAC input data and command information and is
synchronized with SCLK.
DOUT
11
3
O
Data output. DOUT outputs the ADC data results and register read contents.
DOUT is synchronized with SCLK.
DGTL VDD
9
59
I
Digital supply voltage for control logic
DGTL GND
20
22
I
Digital ground for control logic
EOC
19
17
O
End-of-conversion output. EOC goes high at the start of the ADC conversion
period and low when conversion is complete. EOC remains low until the next ADC
conversion period begins and indicates the internal device conversion period.
FC0
15
11
I
Hardware control input. FC0 is used in conjunction with FC1 to request secondary
communication and phase adjustments. FC0 should be tied low if it is not used.
FC1
16
12
I
Hardware control input. FC1 is used in conjunction with FC0 to request secondary
communication and phase adjustments. FC1 should be tied low if it is not used.
FS
12
4
I/O
Frame synchronization. When FS goes low, DIN begins receiving data bits and
DOUT begins transmitting data bits. In master mode, FS is low during the
simultaneous 16-bit transmission to DIN and from DOUT. In slave mode, FS is
externally generated and must be low for one shift-clock period minimum to initiate
the data transfer.
FSD
17
14
O
Frame-synchronization delayed output. This active-low output synchronizes a
slave device to the frame synchronization timing of the master device. FSD is
applied to the slave FS input and is the same duration as the master FS signal but
delayed in time by the number of shift clocks programmed in the FSD register.
IN +
26
36
I
Noninverting input to analog input amplifier
IN –
25
35
I
Inverting input to analog input amplifier
MCLK
14
10
I
The master-clock input drives all the key logic signals of the AIC.
MON OUT
1
40
O
The monitor output allows monitoring of analog input and is a high-impedance
output.
M/S
18
16
I
Master/slave select input. When M/S is high, the device is the master and when
low, it is a slave.
† Terminal numbers shown are for the FN package.
‡ Terminal numbers shown are for the PM package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com