Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 40Page - Texas Instruments TLC320AC02IPM Datasheet HTML 41Page - Texas Instruments TLC320AC02IPM Datasheet HTML 42Page - Texas Instruments TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments TLC320AC02IPM Datasheet HTML 44Page - Texas Instruments TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments TLC320AC02IPM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
3–5
3.5.7
Noise, Low-Pass and Band-Pass Switched-Capacitor Filters Included,
VDD = 5 V (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ADC idle channel noise
Inputs tied to ADC VMID,
f
8 kHz
FCLK
144 kHz
180
300
ADC idle-channel noise
fs = 8 kHz, FCLK = 144 kHz,
(see Note 11)
180
300
DAC idle channel
Broad-band noise
DIN INPUT = 00000000000000,
180
300
µVrms
DAC idle-channel
noise
Noise (0 to 7.2 kHz)
DIN INPUT
00000000000000,
fs = 8 kHz, FCLK = 144 kHz,
(N
)
180
300
noise
Noise (0 to 3.6 kHz)
(see Note 12)
180
300
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES: 11. The ADC channel noise is calculated by taking the RMS value of the digital output codes of the ADC
channel and converting to microvolts.
12. The DAC channel noise is measured differentially from OUT + to OUT – across 600
Ω.
3.5.8
Absolute Gain Error, VDD = 5 V, fs = 8 kHz (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ADC channel absolute gain error (see Note 13)
– 1-dB input signal
TA = –40 – 85°C
±1
DAC channel absolute gain error (see Note 14)
0-dB input signal,
RL = 600 Ω
TA = –40 – 85°C
±1
dB
NOTES: 13. ADC absolute gain error is the variation in gain from the ideal gain over the specified input signal levels.
The gain is measured with a – 1-dB, 1020-Hz sine wave. The – 1-dB input signal allows for any positive gain
or offset error that may affect gain measurements at or close to 0-dB input signal levels.
14. The DAC input signal is the digital equivalent of a 1020-Hz sine wave (full-scale analog output at digital full-
scale input = 0 dB). The nominal differential DAC channel output voltage with this input condition is 6 V peak
to peak. The load impedance for the DAC output buffer is 600
Ω from OUT+ to OUT–.
3.5.9
Relative Gain and Dynamic Range, VDD = 5 V, fs = 8 kHz (Unless Otherwise
Noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ADC channel relative gain tracking error
(see Note 15)
– 48-dB to – 1-dB input signal range
±0.2
dB
DAC channel relative gain tracking error
(see Note 16)
– 48-dB to 0-dB input signal range
RL(diff) = 600 Ω
±0.2
dB
NOTES: 15. ADC gain tracking is the ratio of the measured gain at one ADC channel input level to the gain measured
at any other input level. The ADC channel input is a –1-dB 1020-Hz sine wave input signal. A –1-dB input
signal allows for any positive gain or offset error that may affect gain measurements at or close to 0-dB ADC
input signal levels.
16. DAC gain tracking is the ratio of the measured gain at one DAC channel digital input level to the gain
measured at any other input level. The DAC-channel input signal is the digital equivalent of a 1020-Hz sine
wave (digital full scale = 0 dB). The nominal differential DAC channel output voltage with this input condition
is 6 V peak to peak. The load impedance for the DAC output buffer is 600
Ω from OUT+ to OUT–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com