Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 27Page - Texas Instruments TLC320AC02IPM Datasheet HTML 28Page - Texas Instruments TLC320AC02IPM Datasheet HTML 29Page - Texas Instruments TLC320AC02IPM Datasheet HTML 30Page - Texas Instruments TLC320AC02IPM Datasheet HTML 31Page - Texas Instruments TLC320AC02IPM Datasheet HTML 32Page - Texas Instruments TLC320AC02IPM Datasheet HTML 33Page - Texas Instruments TLC320AC02IPM Datasheet HTML 34Page - Texas Instruments TLC320AC02IPM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
2–16
DOUT
[ (B register)/2] FCLK Periods†
Primary Frame Sync
(16 SCLKs long)
Secondary Frame Sync
(16 SCLKs long)
FS
2s-Complement ADC Output
(14 bits plus 00 for the two LSBs)
16 Bits All 0s, Except When in
Read Mode (then least significant
8 bits are register data)
DIN
2s-Complement Input for the DAC
Channel (14 bits plus two
function bits). If the 2 LSBs Are
Set to 1, Secondary Frame Sync Is
Generated by the TLC320AC02
Input Data for the Internal Registers
(16 bits containing control,
address, and data information)
† The time between the primary and secondary frame sync is the time equal to filter clock (FCLK) period multiplied by the
B-register contents divided by two. The time interval is rounded to the nearest shift clock. The secondary frame-sync
signal goes from high to low on the next shift clock low-to-high transition after (B register/2) filter clock periods.
Figure 2–3. Master and Stand-Alone Functional Sequence
2.16.2 Slave and Codec-Mode Word Sequence and Information Content During
Primary and Secondary Communications
For the slave and codec modes, the sequence is basically the same as the stand-alone and master modes
with the exception that the frame sync and the shift clock are generated and controlled externally as shown
in Figure 2–3. For the codec mode, the frame-sync pulse width needs to be a minimum of one shift clock
long. The timing relationship between the frame sync and shift clock is shown in the timing diagrams. Phase
shifting is usually not required in the slave or codec mode because the frame-sync timing can be adjusted
externally if required.
DOUT
Primary Frame Sync
Secondary Frame Sync
FS
2s-Complement ADC Output
(14 bits plus 00 for the 2 LSBs in
master and stand-alone mode and
01 in slave mode)
16 Bits, All 0s, Except When in
Read Mode (then least significant
8 bits are register data)
DIN
2s-Complement Input for the DAC
Channel (14 bits plus two
function bits)
Input Data for the Internal
Registers (16 bits containing
control, address, and data
information)
1 SCLK Minimum
1 SCLK Minimum
NOTE A: The time between the primary and secondary frame syncs is determined by the application; however, enough
time must be provided so that the host can execute the required number of software instructions in the time
between the end of the primary data transfer (rising edge of the primary frame-sync interval) and the falling
edge of the secondary frame sync (start of secondary communications).
Figure 2–4. Slave and Codec Functional Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com