Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 80 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 76Page - Texas Instruments TLC320AC02IPM Datasheet HTML 77Page - Texas Instruments TLC320AC02IPM Datasheet HTML 78Page - Texas Instruments TLC320AC02IPM Datasheet HTML 79Page - Texas Instruments TLC320AC02IPM Datasheet HTML 80Page - Texas Instruments TLC320AC02IPM Datasheet HTML 81Page - Texas Instruments TLC320AC02IPM Datasheet HTML 82Page - Texas Instruments TLC320AC02IPM Datasheet HTML 83Page - Texas Instruments TLC320AC02IPM Datasheet HTML 84Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
D–4
splk
#00c8h
SPLK
082h,IMR
call
AC02INIT
CLRC
OVM
; OVM = 0
SPM
0
; PM = 0
SPLK
#042h,IMR
; TDMA ser port rec interrupt
SPLK
#0C8h,TSPC
;
CLRC
INTM
; enable interrupts
loop
; main program here does nothing.
nop
; a user program can be inserted.
b
loop
;
;
end of main program
;
;
; TDM serial port receiver interrupt service routine
;
TDMREC:
; This loop insures that the master AC02
ldp
#trcv
; is the first one that is written to in the
bit
trcv,15
; loop. the slave AC02(s) will follow in
bcnd
xxx,tc
; sequential order. The master AC02 has a
; 0 in the 1sb. the slave AC02(s) have a 1
; in the 1sb of the receive word.
ldp
#trcv
lacc
trcv
and
#0fffch
;
; user code would go here for master AC02
;
sacl
tdxr
b
yyy
xxx
ldp
#trcv
lacc
trcv
and
#0fffch
;
; user code would go here for slave AC02
;
sacl
tdxr
yyy
rete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com