Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments TLC320AC02IPM Datasheet HTML 48Page - Texas Instruments TLC320AC02IPM Datasheet HTML 49Page - Texas Instruments TLC320AC02IPM Datasheet HTML 50Page - Texas Instruments TLC320AC02IPM Datasheet HTML 51Page - Texas Instruments TLC320AC02IPM Datasheet HTML 52Page - Texas Instruments TLC320AC02IPM Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
4–1
4
Parameter Measurement Information
_
+
IN + or AUX IN +
IN – or AUX IN –
To Multiplexer
Rfb
Rfb
_
+
Rfb = R for DS03 = 0 and DS02 = 1
Rfb = 2R for DS03 = 1 and DS02 = 0
Rfb = 4R for DS03 = 1 and DS02 = 1
R = 100 k
Ω nominal
R
R
Figure 4 – 1. IN + and IN – Gain-Control Circuitry
Table 4 – 1. Gain Control (Analog Input Signal Required for
Full-Scale Bipolar A /D-Conversion 2s Complement)†
INPUT CONFIGURATION
CONTROL REGISTER 4
ANALOG INPUT‡
A /D CONVERSION
INPUT CONFIGURATION
DS03
DS02
ANALOG INPUT‡
RESULT
0
0
All
Squelch
Differential configuration
Analog input = IN +
IN
0
1
VID = ± 3 V
±Full scale
Analog input = IN + – IN –
= AUX IN + – AUX IN –
1
0
VID = ± 1.5 V
±Full scale
AUX IN +
AUX IN
1
1
VID = ± 0.75 V
±Full scale
§
0
0
All
Squelch
Single-ended configuration§
Analog input
IN +
V
0
1
VI = ± 1.5 V
±Half scale
Analog input = IN + – VMID
= AUX IN + – VMID
1
0
VI = ± 1.5 V
±Full scale
= AUX IN +
VMID
1
1
VI = ± 0.75 V
±Full scale
† VDD = 5 V
‡ VID = differential input voltage, VI = input voltage referenced to ADC VMID with IN– or AUX IN– connected to
ADC VMID. In order to minimize distortion, it is recommended that the analog input not exceed 0.1 dB below full scale.
§ For single-ended inputs, the analog input voltage should not exceed the supply rails. All single-ended inputs should be
referenced to the internal reference voltage, ADC VMID, for best common-mode performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com