Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 42Page - Texas Instruments TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments TLC320AC02IPM Datasheet HTML 44Page - Texas Instruments TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments TLC320AC02IPM Datasheet HTML 48Page - Texas Instruments TLC320AC02IPM Datasheet HTML 49Page - Texas Instruments TLC320AC02IPM Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
3–7
3.5.12
Monitor Output Characteristics, VDD = 5 V (Unless Otherwise Noted)
(see Note 20)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VO(PP)
Peak-to-peak ac output
voltage
Quiescent level = ADC VMID
ZL = 10 kΩ and 60 pF
1.3
1.5
V
VOO
Output offset voltage
No load, single ended
relative to ADC VMID
5
10
mV
VOC
Output common-mode voltage
No load
0.4 ADC
VDD
0.5 ADC
VDD
0.6 ADC
VDD
V
ro
DC output resistance
50
Ω
Gain = 0 dB
– 0.2
0
0.2
AV
Voltage gain (see Note 21)
Gain 2 = – 8 dB
– 8.2
–8
– 7.8
dB
AV
Voltage gain (see Note 21)
Gain 3 = – 18 dB
– 18.4
–18
– 17.6
dB
Squelch (see Note 22)
–60
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES: 20. All monitor output tests are performed with a 10-k
Ω load resistance.
21. Monitor gains are measured with a 1020-Hz, 6-V peak-to-peak sine wave applied differentially between
IN + and IN –.The monitor output gains are nominally 0 dB, – 8 dB, and – 18 dB relative to its input; however,
the output gains are – 6 dB relative to IN + and IN – or AUX IN + and AUX IN –.
22. Squelch is measured differentially with respect to ADC VMID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com