| Electronic Components Datasheet Search |
|
TLC320AC02IPM Datasheet(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC320AC02IPM Datasheet(HTML) 73 Page - Texas Instruments |
|
73 / 84 page ![]() B–1 Appendix B Secondary Communications The function of the control bits DS15 and DS14 and the hardware terminals FC0 and FC1 are shown below. Any combinational state of DS15, DS14, FC1, and FC0 not shown is ignored. CONTROL FUNCTION OF SECONDARY COMMUNICATION BITS TERMINALS DS15 DS14 FC1 FC0 0 0 Ignored On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. 0 1 Ignored On the next falling edge of the FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. The phase adjustment is determined by the state of DS15 and DS14 such that on the next rising edge of FS, the next ADC/DAC sampling time occurs later by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs earlier. 1 0 Ignored On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. The phase adjustment is determined by the state of D01 and D00. On the next rising edge of FS, the next ADC/DAC sampling time occurs earlier by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs later. 1 1 0 0 On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. 1 1 0 1 On the next falling edge of the FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. The phase adjustment is determined by the state of FC1 and FC0 such that on the next rising edge of FS, the next ADC/DAC sampling time occurs later by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs earlier. 1 1 1 0 On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. The phase adjustment is determined by the state of FC1 and FC0 such that on the next rising edge of FS, the next ADC/DAC sampling time occurs earlier by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs later. 1 1 1 1 On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |