Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 29Page - Texas Instruments TMS320UC5402 Datasheet HTML 30Page - Texas Instruments TMS320UC5402 Datasheet HTML 31Page - Texas Instruments TMS320UC5402 Datasheet HTML 32Page - Texas Instruments TMS320UC5402 Datasheet HTML 33Page - Texas Instruments TMS320UC5402 Datasheet HTML 34Page - Texas Instruments TMS320UC5402 Datasheet HTML 35Page - Texas Instruments TMS320UC5402 Datasheet HTML 36Page - Texas Instruments TMS320UC5402 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
divide-by-two clock option (PLL disabled)
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of two to generate
the internal machine cycle. The selection of the clock mode is described in the clock generator section.
When an external clock source is used, the external frequency injected must conform to specifications listed
in the timing requirements table.
NOTE: If an external clock source is used, the CLKIN signal level should not exceed 1.98 V.
switching characteristics over recommended operating conditions [H = 0.5tc(CO)]† (see Figure 9,
Figure 10, and the recommended operating conditions table)
PARAMETER
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
12.50‡
2tc(CI)
†
ns
td(CIH-CO)
Delay time, X2/CLKIN high to CLKOUT high/low
7
12
20
ns
tf(CO)
Fall time, CLKOUT
4
ns
tr(CO)
Rise time, CLKOUT
4
ns
tw(COL)
Pulse duration, CLKOUT low
H–2
H–1
H
ns
tw(COH)
Pulse duration, CLKOUT high
H–2
H–1
H
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
‡ It is recommended that the PLL clocking option be used for maximum frequency operation.
timing requirements (see Figure 10)
MIN
MAX
UNIT
tc(CI)
Cycle time, X2/CLKIN
6.25
†
ns
tf(CI)
Fall time, X2/CLKIN
8
ns
tr(CI)
Rise time, X2/CLKIN
8
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
tr(CO)
tf(CO)
CLKOUT
X2/CLKIN
tw(COL)
td(CIH-CO)
tf(CI)
tr(CI)
tw(COH)
tc(CI)
tc(CO)
Figure 10. External Divide-by-Two Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com