Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320UC5402 Datasheet HTML 1Page - Texas Instruments TMS320UC5402 Datasheet HTML 2Page - Texas Instruments TMS320UC5402 Datasheet HTML 3Page - Texas Instruments TMS320UC5402 Datasheet HTML 4Page - Texas Instruments TMS320UC5402 Datasheet HTML 5Page - Texas Instruments TMS320UC5402 Datasheet HTML 6Page - Texas Instruments TMS320UC5402 Datasheet HTML 7Page - Texas Instruments TMS320UC5402 Datasheet HTML 8Page - Texas Instruments TMS320UC5402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Advanced Multibus Architecture With Three
Separate 16-Bit Data Memory Buses and
One Program Memory Bus
D 40-Bit Arithmetic Logic Unit (ALU),
Including a 40-Bit Barrel Shifter and Two
Independent 40-Bit Accumulators
D 17- × 17-Bit Parallel Multiplier Coupled to a
40-Bit Dedicated Adder for Non-Pipelined
Single-Cycle Multiply/Accumulate (MAC)
Operation
D Compare, Select, and Store Unit (CSSU) for
the Add/Compare Selection of the Viterbi
Operator
D Exponent Encoder to Compute an
Exponent Value of a 40-Bit Accumulator
Value in a Single Cycle
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Data Bus With a Bus-Holder Feature
D Extended Addressing Mode for 1M × 16-Bit
Maximum Addressable External Program
Space
D 4K x 16-Bit On-Chip ROM
D 16K x 16-Bit Dual-Access On-Chip RAM
D Single-Instruction-Repeat and
Block-Repeat Operations for Program Code
D Block-Memory-Move Instructions for
Efficient Program and Data Management
D Instructions With a 32-Bit Long Word
Operand
D Instructions With Two- or Three-Operand
Reads
D Arithmetic Instructions With Parallel Store
and Parallel Load
D Conditional Store Instructions
D Fast Return From Interrupt
D On-Chip Peripherals
– Software-Programmable Wait-State
Generator and Programmable Bank
Switching
– On-Chip Phase-Locked Loop (PLL) Clock
Generator With Internal Oscillator or
External Clock Source
– Two Multichannel Buffered Serial Ports
(McBSPs)
– Enhanced 8-Bit Parallel Host-Port
Interface (HPI-8)
– Two 16-Bit Timers
– Six-Channel Direct Memory Access
(DMA) Controller
D Power Consumption Control With IDLE1,
IDLE2, and IDLE3 Instructions With
Power-Down Modes
D CLKOUT Off Control to Disable CLKOUT
D On-Chip Scan-Based Emulation Logic,
IEEE Std 1149.1† (JTAG) Boundary Scan
Logic
D 12.5-ns Single-Cycle Fixed-Point
Instruction Execution Time (80 MIPS)
D 1.8-V Core Power Supply
D 1.8-V to 3.6-V I/O Power Supply Enables
Operation With a Single 1.8-V Supply or
with Dual Supplies
D Available in a 144-Pin Plastic Thin Quad
Flatpack (TQFP) (PGE Suffix) and a 144-Pin
Ball Grid Array (BGA) (GGU Suffix)
description
The TMS320UC5402 fixed-point, digital signal processor (DSP) (hereafter referred to as the ’UC5402 unless
otherwise specified) is ideal for low-power, high-performance applications. This processor offers very low power
consumption and the flexibility to support various system voltage configurations. The wide range of I/O voltage
enables it to operate with a single 1.8-V power supply or with dual power supplies for mixed voltage systems.
This feature eliminates the need for external level-shifting and reduces power consumption in emerging sub-3V
systems.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - TMS320UC5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320UC5402 TI1-TMS320UC5402 Datasheet
1,001Kb / 77P
Digital Signal Processor
TMS320UC5402GGU-80 TI1-TMS320UC5402GGU-80 Datasheet
1,001Kb / 77P
Digital Signal Processor
TMS320UC5402PGE-80 TI1-TMS320UC5402PGE-80 Datasheet
1,001Kb / 77P
Digital Signal Processor
TMS320UC5402ZGU-80 TI1-TMS320UC5402ZGU-80 Datasheet
1,001Kb / 77P
Digital Signal Processor
TMS320UC5402 TI1-TMS320UC5402_09 Datasheet
1,001Kb / 77P
Digital Signal Processor
More results

Similar Description - TMS320UC5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320VC5416 TI-SMJ320VC5416 Datasheet
1Mb / 92P
Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com