Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 18Page - Texas Instruments TMS320UC5402 Datasheet HTML 19Page - Texas Instruments TMS320UC5402 Datasheet HTML 20Page - Texas Instruments TMS320UC5402 Datasheet HTML 21Page - Texas Instruments TMS320UC5402 Datasheet HTML 22Page - Texas Instruments TMS320UC5402 Datasheet HTML 23Page - Texas Instruments TMS320UC5402 Datasheet HTML 24Page - Texas Instruments TMS320UC5402 Datasheet HTML 25Page - Texas Instruments TMS320UC5402 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DMA interrupts
The ability of the DMA to interrupt the CPU based on the status of the data transfer is configurable and is
determined by the IMOD and DINM bits in the DMA mode control register (DMMCRn). The available modes
are shown in Table 6.
Table 6. DMA Interrupts
MODE
DINM
IMOD
INTERRUPT
ABU (non-decrement)
1
0
At full buffer only
ABU (non-decrement)
1
1
At half buffer and full buffer
Multi-Frame
1
0
At block transfer complete (DMCTRn = DMSEFCn[7:0] = 0)
Multi-Frame
1
1
At end of frame and end of block (DMCTRn = 0)
Either
0
X
No interrupt generated
Either
0
X
No interrupt generated
DMA controller synchronization events
The transfers associated with each DMA channel can be synchronized to one of several events. The DSYN bit
field of the DMA channel x sync select and frame count (DMSFCx) register selects the synchronization event
for a channel. The list of possible events and the DSYN values are shown in Table 7.
Table 7. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 receive event
0010b
McBSP0 transmit event
0011–0100b
Reserved
0101b
McBSP1 receive event
0110b
McBSP1 transmit event
0111b–0110b
Reserved
1101b
Timer0 interrupt
1110b
External interrupt 3
1111b
Timer1 interrupt
DMA channel interrupt selection
The DMA controller can generate a CPU interrupt for each of the six channels. However, channels 1, 2, and
3 are multiplexed with other interrupt sources. DMA channels 2 and 3 share an interrupt line with the receive
and transmit portions of McBSP1 (IMR/IFR bits 10 and 11), and DMA channel 1 shares an interrupt line with
timer 1 (IMR/IFR bit 7). When the ’UC5402 is reset, the interrupts from these three DMA channels are
deselected. The INTSEL bit field in the DMA channel priority and enable control (DMPREC) register can be used
to select these interrupts, as shown in Table 8.
Table 8. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
TINT1
BRINT1
BXINT1
01b
TINT1
DMAC2
DMAC3
10b
DMAC1
DMAC2
DMAC3
11b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com