Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 27Page - Texas Instruments TMS320UC5402 Datasheet HTML 28Page - Texas Instruments TMS320UC5402 Datasheet HTML 29Page - Texas Instruments TMS320UC5402 Datasheet HTML 30Page - Texas Instruments TMS320UC5402 Datasheet HTML 31Page - Texas Instruments TMS320UC5402 Datasheet HTML 32Page - Texas Instruments TMS320UC5402 Datasheet HTML 33Page - Texas Instruments TMS320UC5402 Datasheet HTML 34Page - Texas Instruments TMS320UC5402 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating case temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = MAX
DVDD – 0.3
V
Lll
t
t
DVDD = 1 71 to 1 89 V IOL = MAX
CLKOUT
0.40
VOL
Low-level
output
voltage
DVDD = 1.71 to 1.89 V IOL = MAX
All other outputs
0.35
V
OL
voltage
DVDD = 1.9 to 3.6 V
IOL = MAX
All outputs
0.40
IIZ
Input current for
outputs
in
high
D[15:0], HD[7:0]
Bus holders enabled, DVDD = MAX,
VI = VSS to DVDD
–175
175
µA
IIZ
out uts
in
high
impedance
All other inputs
DVDD = MAX, VO = VSS to DVDD
–5
5
µA
X2/CLKIN
–40
40
TRST
With internal pulldown
–5
300
Input current
HPIENA
With internal pulldown
(VI =VSS
–5
300
II
Input current
TMS, TCK, TDI, HPI}
With internal pullups,
HPIENA = 0
(VI = VSS
to DVDD)
–300
5
µA
All other input-only
5
5
All other in ut only
pins
–5
5
IDDC Supply current, core CPU
CVDD = 1.8 V, fclock = 80 MHz,w
TC = 25°C
35
mA
I
Supply current pins
fclock = 80 MHz,w
DVDD = 1.71 to
1.89 V
12
mA
IDDP Supply current, pins
fclock = 80 MHz,w
TC = 25°C
DVDD = 1.9 to
3.6 V
27
mA
IDD
Supply current,
IDLE2
PLL
× 1 mode, 80 MHz input
1.6
mA
IDD
Su
ly current,
standby
IDLE3
Divide-by-two mode, CLKIN stopped
20
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All values are typical unless otherwise specified.
‡ HPI input signals except for HPIENA.
§ Clock mode: PLL
× 1 with external source
Timing parameters provided in this document are measured using the following load circuit on all device output
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com