Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 10Page - Texas Instruments TMS320UC5402 Datasheet HTML 11Page - Texas Instruments TMS320UC5402 Datasheet HTML 12Page - Texas Instruments TMS320UC5402 Datasheet HTML 13Page - Texas Instruments TMS320UC5402 Datasheet HTML 14Page - Texas Instruments TMS320UC5402 Datasheet HTML 15Page - Texas Instruments TMS320UC5402 Datasheet HTML 16Page - Texas Instruments TMS320UC5402 Datasheet HTML 17Page - Texas Instruments TMS320UC5402 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
software-programmable wait-state generator (continued)
Table 2. Software Wait-State Register (SWWSR) Bit Fields
BIT
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15
XPA
0
Extended program address control bit. XPA is used in conjunction with the program space fields
(bits 0 through 5) to select the address range for the program space wait states.
14–12
I/O
1
I/O space. The field value (0–7) corresponds to the base number of wait states for I/O space accesses
within addresses 0000–FFFFh. The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for
the base number of wait states.
11–9
Data
1
Upper data space. The field value (0–7) corresponds to the base number of wait states for external
data space accesses within addresses 8000–FFFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
8–6
Data
1
Lower data space. The field value (0–7) corresponds to the base number of wait states for external
data space accesses within addresses 0000–7FFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
5–3
Program
1
Upper program space. The field value (0–7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
- XPA = 0: x8000 – xFFFFh
- XPA = 1: The upper program space bit field has no effect on wait states.
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait
states.
2–0
Program
1
Program space. The field value (0–7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
- XPA = 0: x0000–x7FFFh
- XPA = 1: 00000–FFFFFh
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait
states.
The software wait-state multiplier bit of the software wait-state control register (SWCR) is used to extend the
base number of wait states selected by the SWWSR. The SWCR bit fields are shown in Figure 4 and described
in Table 3.
Reserved
1
15
R/W-0
SWSM
0
R/W-0
LEGEND: R = Read, W = Write
Figure 4. Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
Table 3. Software Wait-State Control Register (SWCR) Bit Fields
BIT
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15–1
Reserved
0
These bits are reserved and are unaffected by writes.
0
SWSM
0
Software wait-state multiplier. Used to multiply the number of wait states defined in the SWWSR by a factor
of 1 or 2.
- SWSM = 0: wait-state base values are unchanged (multiplied by 1).
- SWSM = 1: wait-state base values are mulitplied by 2 for a maximum of 14 wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com