Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 44Page - Texas Instruments TMS320UC5402 Datasheet HTML 45Page - Texas Instruments TMS320UC5402 Datasheet HTML 46Page - Texas Instruments TMS320UC5402 Datasheet HTML 47Page - Texas Instruments TMS320UC5402 Datasheet HTML 48Page - Texas Instruments TMS320UC5402 Datasheet HTML 49Page - Texas Instruments TMS320UC5402 Datasheet HTML 50Page - Texas Instruments TMS320UC5402 Datasheet HTML 51Page - Texas Instruments TMS320UC5402 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
instruction acquisition (IAQ), interrupt acknowledge (IACK), external flag (XF), and TOUT timings
switching characteristics over recommended operating conditions for IAQ and IACK
[H = 0.5 tc(CO)] (see Figure 24)
PARAMETER
MIN
MAX
UNIT
td(CLKL-IAQL)
Delay time, CLKOUT low to IAQ low
1
5
ns
td(CLKL-IAQH)
Delay time, CLKOUT low to IAQ high
1
5
ns
td(A)IAQ
Delay time, address valid to IAQ low
2
ns
td(CLKL-IACKL)
Delay time, CLKOUT low to IACK low
0
5
ns
td(CLKL-IACKH)
Delay time , CLKOUT low to IACK high
1
5
ns
td(A)IACK
Delay time, address valid to IACK low
2
ns
th(A)IAQ
Hold time, IAQ high after address invalid
–1
ns
th(A)IACK
Hold time, IACK high after address invalid
–1
ns
tw(IAQL)
Pulse duration, IAQ low
2H–1
ns
tw(IACKL)
Pulse duration, IACK low
2H–1
ns
MSTRB
IACK
IAQ
A[19:0]
CLKOUT
td(A)IACK
td(A)IAQ
tw(IACKL)
th(A)IACK
td(CLKL-IACKL)
tw(IAQL)
th(A)IAQ
td(CLKL-IAQL)
td(CLKL-IACKH)
td(CLKL-IAQH)
Figure 24. IAQ and IACK Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com