Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 12Page - Texas Instruments TMS320UC5402 Datasheet HTML 13Page - Texas Instruments TMS320UC5402 Datasheet HTML 14Page - Texas Instruments TMS320UC5402 Datasheet HTML 15Page - Texas Instruments TMS320UC5402 Datasheet HTML 16Page - Texas Instruments TMS320UC5402 Datasheet HTML 17Page - Texas Instruments TMS320UC5402 Datasheet HTML 18Page - Texas Instruments TMS320UC5402 Datasheet HTML 19Page - Texas Instruments TMS320UC5402 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
parallel I/O ports
The ’UC5402 has a total of 64K I/O ports. These ports can be addressed by the PORTR instruction or the
PORTW instruction. The IS signal indicates a read/write operation through an I/O port. The ’UC5402 can
interface easily with external devices through the I/O ports while requiring minimal off-chip address-decoding
circuits.
enhanced 8-bit host-port interface (HPI-8)
The ’UC5402 host-port interface, also referred to as the HPI-8, is an enhanced version of the standard 8-bit HPI
found on earlier ’54x DSPs (’542, ’545, ’548, and ’549). The HPI-8 is an 8-bit parallel port for interprocessor
communication. The features of the HPI-8 include:
Standard features:
D Sequential transfers (with autoincrement) or random-access transfers
D Host interrupt and ’54x interrupt capability
D Multiple data strobes and control pins for interface flexibility
Enhanced features of the ’UC5402 HPI-8:
D Access to entire on-chip RAM through DMA bus
D Capability to continue transferring during emulation stop
FFFF
Reserved
4000
3FFF
Hex
0000
005F
0060
On-Chip DARAM
Scratch-Pad
0080
007F
(16K x 16-bit)
RAM
Reserved
McBSP
Registers
001F
0020
0023
0024
Reserved
Figure 6. ’UC5402 HPI-8 and DMA Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com