Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 36Page - Texas Instruments TMS320UC5402 Datasheet HTML 37Page - Texas Instruments TMS320UC5402 Datasheet HTML 38Page - Texas Instruments TMS320UC5402 Datasheet HTML 39Page - Texas Instruments TMS320UC5402 Datasheet HTML 40Page - Texas Instruments TMS320UC5402 Datasheet HTML 41Page - Texas Instruments TMS320UC5402 Datasheet HTML 42Page - Texas Instruments TMS320UC5402 Datasheet HTML 43Page - Texas Instruments TMS320UC5402 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
switching characteristics over recommended operating conditions for a
parallel I/O port write
(IOSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 15)
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, CLKOUT low to address valid
0
5
ns
td(CLKH-ISTRBL)
Delay time, CLKOUT high to IOSTRB low
–2
4
ns
td(CLKH-D)IOW
Delay time, CLKOUT high to write data valid
H–5
H+14
ns
td(CLKH-ISTRBH)
Delay time, CLKOUT high to IOSTRB high
–2
4
ns
td(CLKL-RWL)
Delay time, CLKOUT low to R/W low
0
6
ns
td(CLKL-RWH)
Delay time, CLKOUT low to R/W high
0
6
ns
th(A)IOW
Hold time, address valid after CLKOUT low
0
5
ns
th(D)IOW
Hold time, write data after IOSTRB high
H–3
H+9
ns
tsu(D)IOSTRBH
Setup time, write data before IOSTRB high
H–9
H+1
ns
tsu(A)IOSTRBL
Setup time, address valid before IOSTRB low
H–1
H+1
ns
† Address and IS timings are included in timings referenced as address.
IS
R/W
IOSTRB
D[15:0]
A[19:0]
CLKOUT
td(CLKH-ISTRBH)
th(A)IOW
th(D)IOW
td(CLKH-D)IOW
td(CLKH-ISTRBL)
td(CLKL-A)
td(CLKL-RWL)
td(CLKL-RWH)
tsu(A)IOSTRBL
tsu(D)IOSTRBH
NOTE A: A[19:16] are always driven low during I/O accesses.
Figure 15. Parallel I/O Port Write (IOSTRB = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com