Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 26Page - Texas Instruments TMS320UC5402 Datasheet HTML 27Page - Texas Instruments TMS320UC5402 Datasheet HTML 28Page - Texas Instruments TMS320UC5402 Datasheet HTML 29Page - Texas Instruments TMS320UC5402 Datasheet HTML 30Page - Texas Instruments TMS320UC5402 Datasheet HTML 31Page - Texas Instruments TMS320UC5402 Datasheet HTML 32Page - Texas Instruments TMS320UC5402 Datasheet HTML 33Page - Texas Instruments TMS320UC5402 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage I/O range, DVDD‡
–0.3 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage core range, CVDD‡
–0.3 V to 2.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
DVDD Device supply voltage, I/O
1.71
3.6
V
CVDD Device supply voltage, core
1.71
1.8
1.98
V
VSS
Supply voltage, GND
0
V
DV
1 71Vto1 89 V
X2/CLKIN
1.35
1.98
DVDD = 1.71 V to 1.89 V
All other inputs
1.35
DVDD + 0.3
DVDD =1 90Vto2 99 V
X2/CLKIN
1.35
1.98
DVDD = 1.90 V to 2.99 V
All other inputs
1.70
DVDD + 0.3
VIH
High-level input
X2/CLKIN
1.35
1.98
V
VIH
High level in ut
voltage
DVDD = 3.0 V to 3.6 V
RS, INTn, NMI, BIO,
BCLKR0, BCLKR1, BCLKX0,
BCLKX1, HCS, HDS1,
HDS2, TDI, TMS, CLKMDn
2.2
DVDD + 0.3
V
TCK, TRST
2.5
DVDD + 0.3
All other inputs
2.0
DVDD + 0.3
DV
1 71Vto1 89 V
X2/CLKIN
–0.3
0.6
DVDD = 1.71 V to 1.89 V
All other inputs
–0.3
0.6
X2/CLKIN
–0.3
0.6
VIL
Low-level input
voltage
DVDD = 1.90 V to 3.6 V
RS, INTn, NMI, BIO,
BCLKR0, BCLKR1, BCLKX0,
BCLKX1, HCS, HDS1,
HDS2, TCK, CLKMDn
–0.3
0.6
V
All other inputs
–0.3
0.8
IOH
High-level output current
–300
µA
IOL
Low-level output current
1.5
mA
TC
Operating case temperature
–40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com