Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 35Page - Texas Instruments TMS3637 Datasheet HTML 36Page - Texas Instruments TMS3637 Datasheet HTML 37Page - Texas Instruments TMS3637 Datasheet HTML 38Page - Texas Instruments TMS3637 Datasheet HTML 39Page - Texas Instruments TMS3637 Datasheet HTML 40Page - Texas Instruments TMS3637 Datasheet HTML 41Page - Texas Instruments TMS3637 Datasheet HTML 42Page - Texas Instruments TMS3637 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
6–7
Table 6–4. Infrared Receiver Component Functions (Normal Transmission Mode)
DEVICE
FUNCTION
U1
TMS3637 configured as a logic normal (1-code) Q-state inverting receiver
R1
Current-limiting resistor for IR transistor Q1
R2
Base-bias resistor for Q1
R3
Collector current-limiting resistor for Q2
R4
Collector current-limiting resistor for Q3
R5
Emitter current-limiter for Q3
R6
Resistor on TIME that, in conjunction with C3, determines OUT pulse duration on U1.
R7
Resistor on OSCR that, in conjunction with C4, determines internal oscillator frequency of U1.
R8
Current-limiting resistor for LED indicator
C1
AC-coupling capacitor that passes fluctuating voltage from phototransistor Q1
C2
Power-supply bypass capacitor
C3
Capacitor on TIME that, in conjunction with R6, determines OUT pulse duration on U1.
C4
Capacitor on OSCC that, in conjunction with R7, determines the internal oscillator frequency of U1.
C5
Capacitor that determines the gain of the internal analog receive amplifier on U1.
D1
LED indicator that toggles on/off when valid code is received
R7
100 k
Ω
OSCR
OSCC
TIME
GND
C4
47 pF
VCC
IN
CEX
OUT
U2 (receiver)
R6
1 M
Ω
C3
470 nF
R8
330
Ω
D1
VCC
OUT
R4
10 k
Ω
R3
100 k
Ω
C2
47
µF
+
R1
330
Ω
R2
100 k
Ω
C1
0.1
µF
R5
2.7 k
Ω
Q3
2N2222
Q2
2N2222
Q1
NPN IR
Phototransistor
87
6
5
12
3
4
Figure 6–5. Infrared Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com