Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 2Page - Texas Instruments TMS3637 Datasheet HTML 3Page - Texas Instruments TMS3637 Datasheet HTML 4Page - Texas Instruments TMS3637 Datasheet HTML 5Page - Texas Instruments TMS3637 Datasheet HTML 6Page - Texas Instruments TMS3637 Datasheet HTML 7Page - Texas Instruments TMS3637 Datasheet HTML 8Page - Texas Instruments TMS3637 Datasheet HTML 9Page - Texas Instruments TMS3637 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
vi
List of Tables
Table
Title
Page
5–1
Mode and Test Configuration
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–2
Transmitter Modes
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–3
Receiver Modes
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–4
Amplifier Test, Program, and Read Modes
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–5
Code-Train Modes
5–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–6
Transmitter/Receiver Compatibility
5–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–7
Bits CD and CE in Train Receiver
5–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–8
Bits CD and CE in Q-State Receiver
5–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–1
Two-Wire Direct Connection
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–2
Four-Wire Direct Connection
6–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–3
Infrared Transmitter Component Functions (Normal Transmission Mode)
6–6
. . . . . . .
6–4
Infrared Receiver Component Functions (Normal Transmission Mode)
6–7
. . . . . . . . .
6–5
Infrared Receiver Component Functions (Modulated Tranmission Mode)
6–9
. . . . . . .
6–6
RF Transmitter Component Functions
6–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–7
TRF1400 RF Receiver and TCM3637 Decoder Parts List
(for 300 MHz operation)
6–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–8
TMS3637 Programming Station Part List
6–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–9
Edge Connector Pinout
6–19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com