Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 7Page - Texas Instruments TMS3637 Datasheet HTML 8Page - Texas Instruments TMS3637 Datasheet HTML 9Page - Texas Instruments TMS3637 Datasheet HTML 10Page - Texas Instruments TMS3637 Datasheet HTML 11Page - Texas Instruments TMS3637 Datasheet HTML 12Page - Texas Instruments TMS3637 Datasheet HTML 13Page - Texas Instruments TMS3637 Datasheet HTML 14Page - Texas Instruments TMS3637 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
2–1
2 Specifications
2.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(Unless Otherwise Noted)†
Supply voltage range, VCC (see Note 1)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (except OSCC), VI
– 0.6 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . .
Input voltage range, OSCC, VI
– 0.6 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, OUT, VO
– 0.6 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to GND.
2.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
6
V
High-level input voltage, VIH
VCC – 0.5
VCC
V
Low-level input voltage, VIL
0
0.5
V
Operating free-air temperature, TA
–25
85
°C
Receiver supply current, analog, ICC(an)
2
mA
Receiver supply current, digital, ICC(dig)
200
µA
Transmitter supply current, standby, ICC(stdby)
13
µA
Transmitter supply current, code transmission,
ICC(code)
260
µA
Programming current at OSCC, IOSCC
100
µA
Oscillating period, tp0+ tp1 (see Figure 3–1)
10
1/(fosc)
200
µs
Pulse duration, logic 1 bit, tw1 (see Figure 3–1)
5
tp1
100
µs
Pulse duration, logic 0 bit, tw2 (see Figure 3–1)
35
3 x tp0 + 4 x tp1
700
µs
Setup time, transmitter/receiver external clock on
OSCC
↓ and before IN↑, tsu1 (see Figure 3–2)
152
19
× tw1
(receiver)
µs
Pulse duration, IN high, tw3 (see Figure 3–2)
48
6
× tw1
(receiver)
RTIME × CTIME
(see Note 2)
µs
NOTES:
2. RTIME is the value of the pullup resistor on TIME and CTIME is the value of the capacitor in parallel with
RTIME. CTIME should not exceed 3 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com