Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 26Page - Texas Instruments TMS3637 Datasheet HTML 27Page - Texas Instruments TMS3637 Datasheet HTML 28Page - Texas Instruments TMS3637 Datasheet HTML 29Page - Texas Instruments TMS3637 Datasheet HTML 30Page - Texas Instruments TMS3637 Datasheet HTML 31Page - Texas Instruments TMS3637 Datasheet HTML 32Page - Texas Instruments TMS3637 Datasheet HTML 33Page - Texas Instruments TMS3637 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
5–12
further increases the security of the device by not recognizing the correct received code until it is repeated
two, four, or eight times within a period of time specified by an external RC combination described in the
following paragraphs.
When the TMS3637 is configured as a train receiver, connect an external resistor and capacitor in parallel
between TIME and VCC, which sets the length of time the device searches for two, four, or eight correct
received codes. When the device receives two, four, or eight correct codes (not necessarily in succession)
within the time constant of the external RC network, a valid VTR pulse is placed on OUT at the conclusion
of the RC time constant.
The number of codes in the train required is determined by the setting of bits CD and CE as shown in
Table 5–7.
Table 5–7. Bits CD and CE in Train Receiver
CD
CE
TRAIN
1
0
2 codes
0
1
4 codes
1
1
8 codes
5.11.3
Q-State Receiver (CG = 0, CH = 0, CD, CE)
When the TMS3637 is configured as a receiver (CA = CC = 0) and EEPROM bits CG and CH are both
cleared to 0, the device is configured as a Q-state receiver. Bits CB, CF, and CI must also be set to specify
modulated or normal modes, analog or logic (for normal mode only), and noninverting or inverting format
of the output code.
The Q-state receiver is similar to a train receiver, except that when a train of one, two, four or eight codes
are recognized as valid, OUT toggles. After power-on reset, OUT is floating, since OUT is an open-drain
output. As with the train receiver, OUT can change value only after the RC time constant present on TIME.
Use Table 5–8 to determine the setting of bits CD and CE.
Table 5–8. Bits CD and CE in Q-State Receiver
CD
CE
TRAIN
0
0
1 code
1
0
2 codes
0
1
4 codes
1
1
8 codes
5.12 Receiver Modes
Figure 5–7 shows all possible receiver combinations. The bit values are also shown that determine the mode
of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com