Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 6Page - Texas Instruments TMS3637 Datasheet HTML 7Page - Texas Instruments TMS3637 Datasheet HTML 8Page - Texas Instruments TMS3637 Datasheet HTML 9Page - Texas Instruments TMS3637 Datasheet HTML 10Page - Texas Instruments TMS3637 Datasheet HTML 11Page - Texas Instruments TMS3637 Datasheet HTML 12Page - Texas Instruments TMS3637 Datasheet HTML 13Page - Texas Instruments TMS3637 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
1–4
1.4
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
TIME
3
I/O
Depending on the configuration, TIME is used for measuring the internal analog-amplifier output
in the device test mode, putting the device into the transmit mode, or controlling an internal clock
oscillator for various transmitter and receiver configurations.
–
When OSCC is held at VCC + 0.5 V and three or more low pulses are applied to OSCR,
the device is in the test mode and the output of the internal analog amplifier can be
measured at TIME.
–
When the device is configured as a continuous transmitter, an internal pullup is connected
to TIME. If TIME is then forced low, the device transmits codes for the duration that TIME
is held low. (TIME must be connected to an external pullup.)
–
When the device is configured as a triggered transmitter and if TIME is then forced low,
the device transmits one code or a code train. (TIME must be connected to an external
pullup.)
–
When the device is configured as a periodic transmitter, connect an external resistor and
capacitor between TIME and VCC to transmit code after each RC time constant has
expired.
–
When the device is configured as a VTR, TIME must be held high to receive codes. The
device produces a VTR pulse on OUT after confirmation of a correct received code.
Connecting a parallel resistor and capacitor between TIME and VCC lengthens the output
pulse (VTR) duration.
–
Configured as a train receiver, connect an external parallel resistor and capacitor between
TIME and VCC, which are used to set the length of time the device is looking for two, four,
or eight correct received codes to output a valid VTR pulse on OUT.
–
Configured as a Q-state receiver, TIME has the same function as the VTR receiver above,
except the detection of the correct code causes OUT to toggle between the low and high
states.
VCC
8
5-V supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com