Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 5Page - Texas Instruments TMS3637 Datasheet HTML 6Page - Texas Instruments TMS3637 Datasheet HTML 7Page - Texas Instruments TMS3637 Datasheet HTML 8Page - Texas Instruments TMS3637 Datasheet HTML 9Page - Texas Instruments TMS3637 Datasheet HTML 10Page - Texas Instruments TMS3637 Datasheet HTML 11Page - Texas Instruments TMS3637 Datasheet HTML 12Page - Texas Instruments TMS3637 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
1–3
1.4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CEX
6
I
Capacitor external. CEX is used for gain control of the internal analog amplifier. An external
capacitor connected from CEX to GND determines the gain of the amplifier. If the internal
amplifier is set for unity gain or the device is not used as a receiver, CEX is left unconnected.
GND
4
Ground
IN
7
I/O
Depending on the device configuration, IN provides inverted OUT data, is used as a receiver
input, or is used to enter data during programming.
–
When the device is configured as a transmitter, IN provides the complement of the OUT
data stream and is considered to be noninverted. IN provides its own internal pullup, so
no external pullup is required when IN is used to transmit the data. It is cleared to 0 in
standby.
–
When the device is configured as a receiver, IN is used to receive the code.
–
When the device is in the program mode, IN is used to enter serial data into the device
shift registers that load into the EEPROM memory.
OSCC
2
I/O
Oscillator capacitor. Depending on the configuration, OSCC is used for external transmit/receive
clock input, control of the internal oscillator, to place the device into program mode, input for a
high-voltage EEPROM programming pulse, or the internal analog amplifier in the test mode.
–
When the device is used as a transmitter or receiver using an external clock, the external
clock is connected directly to OSCC. (OSCR must be held low to use an external clock.)
–
When the device is used as a transmitter or receiver and the internal oscillator is used,
a capacitor from OSCC to GND and a resistor from OSCR to GND determines the
free-running internal oscillator frequency. In addition, the internal oscillator triangular
waveform can be seen at OSCC in this configuration.
–
When the device is in the data-loading phase of the programming mode, OSCC must be
held at VCC + 0.5 V.
–
After the device has been loaded with data in the programming mode, the internal
registers transfer the data to the EEPROM permanently by applying a high-voltage
programming pulse to OSCC.
–
When OSCC is held at VCC + 0.5 V and three or more low pulses are applied to OSCR,
the device is in the test mode and the output of the internal analog amplifier can be
measured at TIME.
OSCR
1
I
Oscillator resistor. Depending on the configuration, OSCR is used as an external program/
read clock input or to control the internal clock frequency.
–
When the device is in the program/read mode, OSCR is connected to an external clock.
–
When the device is in the transmit or receive mode, a resistor connected from OSCR to
GND (along with a capacitor from OSCC to GND) determines the frequency of the internal
clock.
OUT
5
O
OUT is an open-drain output. For that reason, it is necessary to connect a pullup resistor to OUT.
Depending on the configuration, OUT provides transmit data, acts as the output for the receiver,
or provides the serial output of the stored data in memory during the program and read modes.
–
When the device is configured as a transmitter, the transmitted data is seen at OUT and
is in a 3-state output mode during standby (OUT is floating). While transmitting, the data
from OUT is considered inverted.
–
When the device is configured as a valid transmission receiver (VTR) receiver, OUT
provides a VTR pulse and goes low in the standby mode.
–
When the device is configured as a Q-state receiver, OUT toggles high and low each time
a valid code is received.
–
During the program mode, OUT provides the current data from the EEPROM memory
when the new data is clocked into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com