| Electronic Components Datasheet Search |
|
TMS3637 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS3637 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 53 page ![]() 5–11 Table 5–6. Transmitter/Receiver Compatibility† ANALOG NORMAL VTR ANALOG NORMAL TRAIN ANALOG NORMAL Q-STATE MODULATED VTR MODULATED TRAIN MODULATED Q-STATE LOGIC NORMAL VTR LOGIC NORMAL TRAIN LOGIC NORMAL Q-STATE XMITTER RCVR Normal Continuous Normal Triggered Normal Periodic Modulated Continuous Modulated Triggered Modulated Periodic Code Train Normal Triggered Code Train Normal Periodic Code Train Modulated Triggered Code Train Modulated Periodic XX X X X X XXX XXX XX X XX X XX X XX X XX X XXX XXX XX X XX X XX X XX X † X denotes compatible transmitter/receiver combinations. 5.11.1 Valid Transmission Receiver (CG = 1, CH = 0) When the TMS3637 is configured as a receiver (CA = CC = 0) and the configuration bits CG = 1 and CH = 0, the device is configured as a valid transmission receiver. Bits CB, CF, and CI must also be set to specify modulated or normal modes, analog or logic (for normal mode only), and noninverting or inverting format of the output code. Other receiver modes are discussed in Section 5.12. In the valid transmission receiver (VTR) configuration, an external pullup resistor is connected to TIME. When the TMS3637 recognizes the received code as correct, it produces a high pulse (VTR pulse) on OUT. The VTR output pulse duration is equal to 48 times the pulse duration of the received data and is produced after a delay time equal to 152 × 2/fosc from the end of the received code. If a capacitor is added in parallel to the pullup resistor on TIME, the VTR pulse duration on the output terminal can be increased according to a quantity determined by the time constant of RC. By choosing a large capacitor value (no greater than 1 µF), it is possible to have a VTR output pulse duration of up to several seconds. When the VTR duration is longer than the repetition period of received codes, the VTR has a duration as long as that of the correct received code. 5.11.2 Train Receiver (CG = 1, CH = 1, CD, CE) When the TMS3637 is configured as a receiver (CA = CC = 0) and EEPROM bits CG and CH are both set to 1, the device is configured as a train receiver. Bits CB, CF, and CI must also be set to specify modulated or normal modes, analog or logic (for normal mode only), and noninverting or inverting format. In the train-receiver configuration, the device outputs a VTR pulse on OUT only after the reception of two, four, or eight received codes that occur within one period of the train code counter oscillator. This feature |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |