Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 8Page - Texas Instruments TMS3637 Datasheet HTML 9Page - Texas Instruments TMS3637 Datasheet HTML 10Page - Texas Instruments TMS3637 Datasheet HTML 11Page - Texas Instruments TMS3637 Datasheet HTML 12Page - Texas Instruments TMS3637 Datasheet HTML 13Page - Texas Instruments TMS3637 Datasheet HTML 14Page - Texas Instruments TMS3637 Datasheet HTML 15Page - Texas Instruments TMS3637 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
2–2
2.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage
and Operating Free-Air Temperature (unless otherwise noted)
2.3.1
Signal Interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage, OUT
IOL < 5 mA
0.5
V
VOL
Low-level output voltage, OSCC
0.6
0.7
V
VOH
High-level output voltage, OUT
IOH < 5 mA
VCC – 0.5
V
VOH
High-level output voltage, OSCC
1.2
1.6
V
II
Input current, IN
VI = 0 V to 6 V
±10
µA
IO
Output current, OUT
VO = 0 V to 12 V
±10
µA
Ci
Input capacitance
10
pF
Co
Output capacitance
5
pF
2.3.2
Amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(PP)
Peak-to-peak input voltage
3
mV
VN(PP) External peak-to-peak noise voltage
1
mV
VO
Output voltage, TIME
VOL
VOH
V
VI = 3 mV
15
B
Bandwidth
VI = 100 mVpeak to peak
500
kHz
VI = 200 mVpeak to peak
1000
AV
Flatband gain
CEX (nF) > 900/fosc (kHz)
200
V/V
AV
Flatband gain
CEX not connected
1
V/V
2.3.3
Internal Oscillator (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
fRX
Receiver frequency
10
500
kHz
fTX
Transmitter frequency
fRX/10
fRX/10
fRX/5.5
kHz
Frequency spread (temperature, VCC)
± 20%
NOTE 3: Typical values are recommended whenever possible.
2.3.4
Power-On Reset
PARAMETER
MIN
MAX
UNIT
VCC level required to trigger power-on reset
2.7
V
Power-on reset duration
40
ms
2.3.5
Write/Erase Endurance
PARAMETER
MIN
TYP
MAX
UNIT
Number of program cycles
20
10 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com