Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 39Page - Texas Instruments TMS3637 Datasheet HTML 40Page - Texas Instruments TMS3637 Datasheet HTML 41Page - Texas Instruments TMS3637 Datasheet HTML 42Page - Texas Instruments TMS3637 Datasheet HTML 43Page - Texas Instruments TMS3637 Datasheet HTML 44Page - Texas Instruments TMS3637 Datasheet HTML 45Page - Texas Instruments TMS3637 Datasheet HTML 46Page - Texas Instruments TMS3637 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
6–11
IN is used for the data out. IN provides the complement of the data out in the transmitter configuration.
In Figure 6–8, the receiver is configured as an analog normal noninverting VTR receiver, and the content
of the EEPROM cells is:
CA
CB
CC
CD
CE
CF
CG
CH
CI
010000100
The receiver is used in the noninverting mode. Using IN on the transmitter to transmit the code is considered
noninverted, but the internal analog amplifier in the receiver (CF = 0) inverts the signal. The signal path
between the transmitter and receiver also inverts the signal. The result is a signal that is noninverted at the
internal logic controller of the receiver, then C1 = 0, a noninverting receiver.
The receiver can be tuned from approximately 200 MHz – 430 MHz using the trim capacitor C4. The antenna
used is a metal wire that is 12 inches long. Inductances L1 and L2 are in the range of 0.2
µH – 2 µH.
The oscillating frequency of the receiver is 57 kHz, which is approximately ten times that of the transmitter,
and the gain of the internal analog amplifier is approximately 200. OUT on the receiver maintains the same
status for approximately 0.5 second (1M
× 470 nF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com