Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 45Page - Texas Instruments TMS3637 Datasheet HTML 46Page - Texas Instruments TMS3637 Datasheet HTML 47Page - Texas Instruments TMS3637 Datasheet HTML 48Page - Texas Instruments TMS3637 Datasheet HTML 49Page - Texas Instruments TMS3637 Datasheet HTML 50Page - Texas Instruments TMS3637 Datasheet HTML 51Page - Texas Instruments TMS3637 Datasheet HTML 52Page - Texas Instruments TMS3637 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
6–19
Table 6–8 TMS3637 Programming Station Parts List (continued)
PART
DESCRIPTION
FUNCTION
U14
TMC3637
Remote Control
Transmitter/Receiver
U14 transmits or receives specific
user-configuration code
Q1, Q2
TI 2N2222
npn Transistor
Q1 and Q2 are emitter followers that output the
programming pulse
CR1
1N4148
Silicon Diode
CR1 is a blocking diode when an external
oscillator is used
SW1 – SW4
16-Pin DIP switch
SW1 – SW4 select input coding
SW5
SPST Momentary Switch
SW5 when closed resets the device
6.9
TMS3637 Connector Pinout
TI recommends a ZIF socket to be used at location U14 for ease of programming the TMS3637. For
TMS3637P (DIP) packages, a 16-pin ZIF can be used (lower portion unused). For TMS3637N
surface-mount packages, use a clamshell with a latch cover and DIP footprint. This can be purchased from
EmMulation Technology (408-982-0660) part # AS-0808-015-3. The edge connector that is compatible with
the TMS3637 PCB is a Sullins part # EZC10DRTH or the equivalent as shown in Table 6–9. Ground
terminals A1, A6, and B1 are common, so only one is needed for ground connection.
Table 6–9. Edge-Connector Pinout
EDGE CONNECTOR
FUNCTION
A1
Ground
A2
N/C
A3
N/C
A4
N/C
A5
N/C
A6
Ground
A7
N/C
A8
N/C
A9
5 Vdc
A10
N/C
B1
Ground
B2
17 Vdc
B3
N/C
B4
N/C
B5
N/C
B6
N/C
B7
See Note 1
B8
See Note 1
B9
5 Vdc
B10
N/C (see Note 2)
NOTES:
1. Other edge connections are connected to various
parts of circuit. These are for testing purposes
only.
2. N/C = Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com