Electronic Components Datasheet Search
  English  ▼

X  

TMS3637 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 23Page - Texas Instruments TMS3637 Datasheet HTML 24Page - Texas Instruments TMS3637 Datasheet HTML 25Page - Texas Instruments TMS3637 Datasheet HTML 26Page - Texas Instruments TMS3637 Datasheet HTML 27Page - Texas Instruments TMS3637 Datasheet HTML 28Page - Texas Instruments TMS3637 Datasheet HTML 29Page - Texas Instruments TMS3637 Datasheet HTML 30Page - Texas Instruments TMS3637 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
5–9
5.10.1
Normal Mode (CB = 1)
When the chip is configured as a continuous transmitter (CA = 1, CF = CG = CH = 0, and CC = 1), as a
triggered transmitter (CA = 1, CF = CG = CH = 0, and CC = 0, CI = 1), or as a periodic transmitter
(CA = 1, CF = CG = CH = 0, and CC = 0, CI = 0), and EEPROM bit CB is set to 1, the TMS3637 operates
as a normal transmitter and emits the stored code on OUT (the open drain requires a pullup resistor). The
format for the code appearing on OUT is:
•
Each code transmission consists of a 3-bit precode (010) or sync word followed by 22 data bits
(C1 through C22) stored in the EEPROM.
•
A bit code 1 is represented high with a duration of t1, and a bit code 0 is represented high with
a duration of t2 = 7 t1.
An example of OUT is shown in Figure 5–4.
Precode (3 bits)
t2
t1
OUT
Security Code (22 bits)
00
0
1
0
0
1
1
0
1
1
01
1
C01
C02
C03
C04
C22
Figure 5–4. OUT Waveform in Normal Transmission
5.10.2
Modulated Mode (CB = 0)
When the chip is configured as a continuous transmitter (CA = 1, CF = CG = CH = 0, and CC = 1), as a
triggered transmitter (CA = 1, CF = CG = CH = 0, and CC = 0, CI = 1), or as a periodic transmitter (CA = 1,
CF = CG = CH = 0, and CC = 0, CI = 0), and EEPROM bit CB clears to 0, the device is programmed to
function as a modulated transmitter. The oscillator frequency must be 120 kHz.
In the modulated mode, a bit code 1 is represented high with a pulse width of t3 = t4. A bit code 0 is
represented by a high of t0 = 7 t4 as in the normal mode, except that the bit codes are each separated by
a pulse train composed of five elementary pulses. The total duration of t4 = 125 µs as shown in Figure 5–5.
25
µs
t4 = 125 µs
t3
Bit Code 1
t0 = 7 t4
Bit Code 0
Figure 5–5. OUT Waveform in Modulated Mode
5.10.3
Code-Train Mode (CD, CE)
When the chip is configured as a triggered transmitter (CA = 1, CF = CG = CH = 0, and CC = 0,
CI = 1) or as a periodic transmitter (CA = 1, CF = CG = CH = 0 and CC = 0, CI = 0), it can transmit
the stored code two, four, or eight times, depending on the values stored in bits CD and CE as shown
in Table 5–5 and Figure 5–6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com