Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 53 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 49Page - Texas Instruments XIO2001 Datasheet HTML 50Page - Texas Instruments XIO2001 Datasheet HTML 51Page - Texas Instruments XIO2001 Datasheet HTML 52Page - Texas Instruments XIO2001 Datasheet HTML 53Page - Texas Instruments XIO2001 Datasheet HTML 54Page - Texas Instruments XIO2001 Datasheet HTML 55Page - Texas Instruments XIO2001 Datasheet HTML 56Page - Texas Instruments XIO2001 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 131 page
background image
4.7
Primary Latency Timer Register
4.8
Header Type Register
4.9
BIST Register
4.10 Device Control Base Address Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
This read-only register has no meaningful context for a PCI Express device and returns 00h when read.
PCI register offset:
0Dh
Register type:
Read only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
This read-only register indicates that this function has a type one PCI header. Bit 7 of this register is 0b
indicating that the bridge is a single-function device.
PCI register offset:
0Eh
Register type:
Read only
Default value:
01h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
Since the bridge does not support a built-in self test (BIST), this read-only register returns the value of 00h
when read.
PCI register offset:
0Fh
Register type:
Read only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
This register programs the memory base address that accesses the device control registers. By default,
this register is read only. If bit 5 of the Control and Diagnostic Register 2 (see Section 4.63) is set, then
the bits 31:12 of this register become read/write. See Table 4-5 for a complete description of the register
contents.
PCI register offset:
10h
Register type:
Read-only, Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Submit Documentation Feedback
Classic PCI Configuration Space
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com