Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 93 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 89Page - Texas Instruments XIO2001 Datasheet HTML 90Page - Texas Instruments XIO2001 Datasheet HTML 91Page - Texas Instruments XIO2001 Datasheet HTML 92Page - Texas Instruments XIO2001 Datasheet HTML 93Page - Texas Instruments XIO2001 Datasheet HTML 94Page - Texas Instruments XIO2001 Datasheet HTML 95Page - Texas Instruments XIO2001 Datasheet HTML 96Page - Texas Instruments XIO2001 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 131 page
background image
4.76 Cache Timer Transfer Limit Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-49. Pre-Fetch Agent Request Limits Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
Completion cache mode. Determines the rules for completing the caching process.
00 = No caching.
•
Pre-fetching is disabled.
•
All remaining read completion data will be discarded after any of the data has been
returned to the PCI master.
01 = Light caching.
•
Pre-fetching is enabled.
•
All remaining read completion data will be discarded after data has been returned to
PFA_CPL_CACHE_
the PCI master and the PCI master terminated the transfer.
7:6
RW
MODE
•
All remaining read completion data will be cached after data has been returned to the
PCI master and the bridge has terminated the transfer with RETRY.
10 = Full caching.
•
Pre-fetching is enabled.
•
All remaining read completion data will be cached after data has been returned to the
PCI master and the PCI master terminated the transfer.
•
All remaining read completion data will be cached after data has been returned to the
PCI master and the bridge has terminated the transfer with RETRY.
11 = Reserved.
5:4
RSVD
R
Reserved. Returns 00b when read.
Request Length Limit. Determines the number of bytes in the thread that the pre-fetch
agent will read for that thread.
0000 = 64 bytes
0001 = 128 bytes
0010 = 256 bytes
PFA_REQ_LENGT
3:0
RW
0011 = 512 bytes
H_LIMIT
0100 = 1 Kbytes
0101 = 2 Kbytes
0110 = 4 Kbytes
0111 = 8 Kbytes
1000:1111 = Reserved
This register is used to set the number of PCI cycle starts that have to occur without a read hit on the
completion data buffer, before the cache data can be discarded. See Table 4-50 for a complete
description of the register contents.
PCI register offset:
EAh
Register type:
Read/Clear
Default value:
0008h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Table 4-50. Cache Timer Transfer Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
R
Reserved. Returns 00h when read.
CACHE_TMR_XFR
Number of PCI cycle starts that have to occur without a read hit on the completion data
7:0(1)
RW
_LIMIT
buffer, before the cache data can be discarded.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
Classic PCI Configuration Space
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com