Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 82 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments XIO2001 Datasheet HTML 81Page - Texas Instruments XIO2001 Datasheet HTML 82Page - Texas Instruments XIO2001 Datasheet HTML 83Page - Texas Instruments XIO2001 Datasheet HTML 84Page - Texas Instruments XIO2001 Datasheet HTML 85Page - Texas Instruments XIO2001 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Table 4-39. General Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
22:20(1)
POWER_OVRD
RW
Power override. This bit field determines how the bridge responds when the slot power limit is
less than the amount of power required by the bridge and the devices behind the bridge.
000 = Ignore slot power limit (default).
001 = Assert the PWR_OVRD terminal.
010 = Disable secondary clocks selected by the clock mask register.
011 = Disable secondary clocks selected by the clock mask register and assert the
PWR_OVRD terminal.
100 = Respond with unsupported request to all transactions except for configuration
transactions (type 0 or type 1) and set slot power limit messages.
101,110, Reserved
111 =
19(1)
READ_PREFETC
RW
Read Prefetch Disable. This bit is used to control the pre-fetch functionality on PCI memory read
H_DIS
transactions.
0 = Memory read, memory read line, and memory read multiple will be treated as
prefetchable reads (default)
1 = Memory read line, and memory read multiple will be treated as pre-fetchable reads.
Memory read will not be prefetchable. No auto-prefetch reads will be made for these
requests.
18:16(1)
L0s_LATENCY
RW
L0s maximum exit latency. This field programs the maximum acceptable latency when exiting the
L0s state. This sets bits 8:6 (EP_L0S_LAT) in the device capabilities register (offset 74h, see
Section 4.49).
000 = Less than 64 ns (default)
001 = 64 ns up to less than 128 ns
010 = 128 ns up to less than 256 ns
011 = 256 ns up to less than 512 ns
100 = 512 ns up to less than 1
µs
101 = 1
µs up to less than 2 µs
110 = 2
µs to 4 µs
111 = More than 4
µs
15:13(1)
L1_LATENCY
RW
L1 maximum exit latency. This field programs the maximum acceptable latency when exiting the
L1 state. This sets bits 11:9 (EP_L1_LAT) in the device capabilities register (offset 74h, see
Section 4.49).
000 = Less than 1
µs (default)
001 = 1
µs up to less than 2 µs
010 = 2
µs up to less than 4 µs
011 = 4
µs up to less than 8 µs
100 = 8
µs up to less than 16 µs
101 = 6
µs up to less than 32 µs
110 = 32
µs to 64 µs
111 = More than 64
µs
12(1)
VC_CAP_EN
R
VC Capability Structure Enable. This bit is hardwired to 0b indicating that the VC Capability
structure is permanently disabled.
11(2)
BPCC_E
RW
Bus power clock control enable. This bit controls whether the secondary bus PCI clocks are
stopped when the XIO2001 is placed in the D3 state. It is assumed that if the secondary bus
clocks are required to be active, that a reference clock continues to be provided on the PCI
Express interface.
0 = Secondary bus clocks are not stopped in D3 (default)
1 = Secondary bus clocks are stopped on D3
10(2)
BEACON_ENABL
RW
Beacon enable. This bit controls the mechanism for waking up the physical PCI Express link
E
when in L2.
0 = WAKE mechanism is used exclusively. Beacon is not used (default)
1 = Beacon and WAKE mechanisms are used
(2)
These bits are sticky and must retain their value when the bridge is powered by VAUX.
Classic PCI Configuration Space
82
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com