Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 100 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 96Page - Texas Instruments XIO2001 Datasheet HTML 97Page - Texas Instruments XIO2001 Datasheet HTML 98Page - Texas Instruments XIO2001 Datasheet HTML 99Page - Texas Instruments XIO2001 Datasheet HTML 100Page - Texas Instruments XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments XIO2001 Datasheet HTML 103Page - Texas Instruments XIO2001 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 131 page
background image
5.7
Correctable Error Mask Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The correctable error mask register controls the reporting of individual errors as they occur. When a mask
bit is set to 1b, the corresponding error status bit is not set, PCI Express error messages are blocked, the
header log is not loaded, and the first error pointer is not updated. See Table 5-6 for a complete
description of the register contents.
PCI Express extended register offset:
114h
Register type:
Read-only, Read/Write
Default value:
0000 2000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-6. Correctable Error Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
13(1)
ANFEM
RW
Advisory Non-Fatal Error Mask.
0 = Error condition is unmasked
1 = Error condition is masked (default)
12(1)
REPLAY_TMOUT_MAS
RW
Replay timer time-out mask.
K
0 = Error condition is unmasked (default)
1 = Error condition is masked
11:9
RSVD
R
Reserved. Returns 000b when read.
8(1)
REPLAY_ROLL_MASK
RW
REPLAY_NUM rollover mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
7(1)
BAD_DLLP_MASK
RW
Bad DLLP error mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
6(1)
BAD_TLP_MASK
RW
Bad TLP error mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
5:1
RSVD
R
Reserved. Returns 00000b when read.
0(1)
RX_ERROR_MASK
RW
Receiver error mask.
0 = Error condition is unmasked (default)
1 = Error condition is masked
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI Express Extended Configuration Space
100
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com