Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 104 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 100Page - Texas Instruments XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments XIO2001 Datasheet HTML 103Page - Texas Instruments XIO2001 Datasheet HTML 104Page - Texas Instruments XIO2001 Datasheet HTML 105Page - Texas Instruments XIO2001 Datasheet HTML 106Page - Texas Instruments XIO2001 Datasheet HTML 107Page - Texas Instruments XIO2001 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 131 page
background image
5.12 Secondary Uncorrectable Error Severity
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The uncorrectable error severity register controls the reporting of individual errors as ERR_FATAL or
ERR_NONFATAL. When a bit is set, the corresponding error condition is identified as fatal. When a bit is
cleared, the corresponding error condition is identified as nonfatal. See Table 5-10 for a complete
description of the register contents.
PCI Express extended register offset: 134h
Register type:
Read-only, Read/Write
Default value:
0000 1340h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
0
1
1
0
1
0
0
0
0
0
0
Table 5-10. Secondary Uncorrectable Error Severity Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 00 0000 0000 0000 0000b when read.
13(1)
INTERNAL_ERROR_SEVR
RW
Internal bridge error. This severity bit is associated with a PCI-X error and has no effect
on the bridge.
12(1)
SERR_DETECT_SEVR
RW
SERR assertion detected
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
11(1)
PERR_DETECT_SEVR
RW
PERR assertion detected
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
10(1)
DISCARD_TIMER_SEVR
RW
Delayed transaction discard timer expired
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
9(1)
UNCOR_ADDR_SEVR
RW
Uncorrectable address error
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
8(1)
UNCOR_ATTRIB_SEVR
RW
Uncorrectable attribute error. This severity bit is associated with a PCI-X error and has
no effect on the bridge.
7(1)
UNCOR_DATA_SEVR
RW
Uncorrectable data error
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
6(1)
UNCOR_SPLTMSG_SEVR
RW
Uncorrectable split completion message data error. This severity bit is associated with
a PCI-X error and has no effect on the bridge.
5(1)
UNCOR_SPLTCMP_SEVR
RW
Unexpected split completion error. This severity bit is associated with a PCI-X error and
has no effect on the bridge.
4
RSVD
R
Reserved. Returns 0b when read.
3(1)
MASTER_ABORT_SEVR
RW
Received master abort
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
2(1)
TARGET_ABORT_SEVR
RW
Received target aborta
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
1(1)
MABRT_SPLIT_SEVR
RW
Master abort on split completion. This severity bit is associated with a PCI-X error and
has no effect on the bridge.
0
TABRT_SPLIT_SEVR
R
Target abort on split completion. This severity bit is associated with a PCI-X error and
has no effect on the bridge.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI Express Extended Configuration Space
104
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com