Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 105 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments XIO2001 Datasheet HTML 103Page - Texas Instruments XIO2001 Datasheet HTML 104Page - Texas Instruments XIO2001 Datasheet HTML 105Page - Texas Instruments XIO2001 Datasheet HTML 106Page - Texas Instruments XIO2001 Datasheet HTML 107Page - Texas Instruments XIO2001 Datasheet HTML 108Page - Texas Instruments XIO2001 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 131 page
background image
5.13 Secondary Error Capabilities and Control Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
The secondary error capabilities and control register allows the system to monitor and control the
secondary advanced error reporting capabilities. See Table 5-11 for a complete description of the register
contents.
PCI Express extended register offset: 138h
Register type:
Read-only
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-11. Secondary Error Capabilities and Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:5
RSVD
R
Reserved. Return 000 0000 0000 0000 0000 0000 0000b when read.
4:0(1)
SEC_FIRST_ERR
RU
First error pointer. This 5-bit value reflects the bit position within the secondary
uncorrectable error status register (offset 12Ch, see Section 5.10) corresponding to the
class of the first error condition that was detected.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
PCI Express Extended Configuration Space
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com