Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 109 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 105Page - Texas Instruments XIO2001 Datasheet HTML 106Page - Texas Instruments XIO2001 Datasheet HTML 107Page - Texas Instruments XIO2001 Datasheet HTML 108Page - Texas Instruments XIO2001 Datasheet HTML 109Page - Texas Instruments XIO2001 Datasheet HTML 110Page - Texas Instruments XIO2001 Datasheet HTML 111Page - Texas Instruments XIO2001 Datasheet HTML 112Page - Texas Instruments XIO2001 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 131 page
background image
6.4
GPIO Data Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
This register reads the state of the input mode GPIO terminals and changes the state of the output mode
GPIO terminals. Writing to a bit that is in input mode or is enabled for a secondary function is ignored. The
secondary functions share GPIO0 (CLKRUN), GPIO1 (PWR_OVRD), GPIO3 (SDA), and GPIO4 (SCL).
The default value at power up depends on the state of the GPIO terminals as they default to
general-purpose inputs. This register is an alias of the GPIO data register in the classic PCI configuration
space (offset B6h, see Section 4.60). See Table 6-3 for a complete description of the register contents.
Device control memory window register offset:
42h
Register type:
Read-only, Read/Write
Default value:
00XXh
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
x
Table 6-3. GPIO Data Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
R
Reserved. Returns 000 0000 0000b when read.
4(1)
GPIO4_Data
RW
GPIO 4 data. This bit reads the state of GPIO4 when in input mode or changes the state
of GPIO4 when in output mode.
3(1)
GPIO3_Data
RW
GPIO 3 data. This bit reads the state of GPIO3 when in input mode or changes the state
of GPIO3 when in output mode.
2(1)
GPIO2_Data
RW
GPIO 2 data. This bit reads the state of GPIO2 when in input mode or changes the state
of GPIO2 when in output mode.
1(1)
GPIO1_Data
RW
GPIO 1 data. This bit reads the state of GPIO1 when in input mode or changes the state
of GPIO1 when in output mode.
0(1)
GPIO0_Data
RW
GPIO 0 data. This bit reads the state of GPIO0 when in input mode or changes the state
of GPIO0 when in output mode.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
Memory-Mapped TI Proprietary Register Space
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com