Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 112 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 108Page - Texas Instruments XIO2001 Datasheet HTML 109Page - Texas Instruments XIO2001 Datasheet HTML 110Page - Texas Instruments XIO2001 Datasheet HTML 111Page - Texas Instruments XIO2001 Datasheet HTML 112Page - Texas Instruments XIO2001 Datasheet HTML 113Page - Texas Instruments XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
6.9
Serial IRQ Mode Control Register
6.10 Serial IRQ Edge Control Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
This register controls the behavior of the serial IRQ controller. This register is an alias for the serial IRQ
mode control register in the classic PCI configuration space (offset E0h, see Section 4.72). See
Table 4-46 for a complete description of the register contents.
Device control memory window register
48h
offset:
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 6-6. Serial IRQ Mode Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
R
Reserved. Returns 0h when read.
Start frame pulse width. Sets the width of the start frame for a SERIRQ stream.
00 = 4 clocks (default)
3:2(1)
START_WIDTH
RW
01 = 6 clocks
10 = 8 clocks
11 = Reserved
Poll mode. This bit selects between continuous and quiet mode.
1(1)
POLLMODE
RW
0 = Continuous mode (default)
1 = Quiet mode
RW Drive mode. This bit selects the behavior of the serial IRQ controller during the
recovery cycle.
0(1)
DRIVEMODE
RW
0 = Drive high (default)
1 = 3-state
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
This register controls the edge mode or level mode for each IRQ in the serial IRQ stream. This register is
an alias for the serial IRQ edge control register in the classic PCI configuration space (offset E2h, see
Section 4.73). See Table 6-7 for a complete description of the register contents.
Device control memory window register 4Ah
offset:
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
112
Memory-Mapped TI Proprietary Register Space
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com