Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 110 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 106Page - Texas Instruments XIO2001 Datasheet HTML 107Page - Texas Instruments XIO2001 Datasheet HTML 108Page - Texas Instruments XIO2001 Datasheet HTML 109Page - Texas Instruments XIO2001 Datasheet HTML 110Page - Texas Instruments XIO2001 Datasheet HTML 111Page - Texas Instruments XIO2001 Datasheet HTML 112Page - Texas Instruments XIO2001 Datasheet HTML 113Page - Texas Instruments XIO2001 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 131 page
background image
6.5
Serial-Bus Data Register
6.6
Serial-Bus Word Address Register
6.7
Serial-Bus Slave Address Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The serial-bus data register reads and writes data on the serial-bus interface. Write data is loaded into this
register prior to writing the serial-bus slave address register that initiates the bus cycle. When reading data
from the serial bus, this register contains the data read after bit 5 (REQBUSY) in the serial-bus control and
status register (offset 47h, see Section 6.8) is cleared. This register is an alias for the serial-bus data
register in the PCI header (offset B0h, see Section 4.55). This register is reset by a PCI Express reset
(PERST), a GRST, or the internally-generated power-on reset.
Device control memory window register offset:
44h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
The value written to the serial-bus word address register represents the word address of the byte being
read from or written to on the serial-bus interface. The word address is loaded into this register prior to
writing the serial-bus slave address register that initiates the bus cycle. This register is an alias for the
serial-bus word address register in the PCI header (offset B1h, see Section 4.56). This register is reset by
a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Device control memory window register offset:
45h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
The serial-bus slave address register indicates the address of the device being targeted by the serial-bus
cycle. This register also indicates if the cycle will be a read or a write cycle. Writing to this register initiates
the cycle on the serial interface. This register is an alias for the serial-bus slave address register in the
PCI header (offset B2h, see Section 4.57). See Table 6-4 for a complete description of the register
contents.
Device control memory window register offset:
46h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 6-4. Serial-Bus Slave Address Register Descriptions
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:1(1)
SLAVE_ADDR
RW
Serial-bus slave address. This 7-bit field is the slave address for a serial-bus read or write
transaction. The default value for this field is 000 0000b.
0(1)
RW_CMD
RW
Read/write command. This bit determines if the serial-bus cycle is a read or a write cycle.
0 = A single byte write is requested (default)
1 = A single byte read is requested
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Memory-Mapped TI Proprietary Register Space
110
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com