Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 111 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 107Page - Texas Instruments XIO2001 Datasheet HTML 108Page - Texas Instruments XIO2001 Datasheet HTML 109Page - Texas Instruments XIO2001 Datasheet HTML 110Page - Texas Instruments XIO2001 Datasheet HTML 111Page - Texas Instruments XIO2001 Datasheet HTML 112Page - Texas Instruments XIO2001 Datasheet HTML 113Page - Texas Instruments XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 131 page
background image
6.8
Serial-Bus Control and Status Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
The serial-bus control and status register controls the behavior of the serial-bus interface. This register
also provides status information about the state of the serial-bus. This register is an alias for the serial-bus
control and status register in the PCI header (offset B3h, see Section 4.58). See Table 6-5 for a complete
description of the register contents.
Device control memory window register offset:
47h
Register type:
Read-only, Read/Write, Read/Clear
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 6-5. Serial-Bus Control and Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7(1)
PROT_SEL
RW
Protocol select. This bit selects the serial-bus address mode used.
0 = Slave address and word address are sent on the serial-bus (default)
1 = Only the slave address is sent on the serial-bus
6
RSVD
R
Reserved. Returns 0b when read.
5(1)
REQBUSY
RU
Requested serial-bus access busy. This bit is set when a software-initiated serial-bus cycle
is in progress.
0 = No serial-bus cycle
1 = Serial-bus cycle in progresss
4(1)
ROMBUSY
RU
Serial EEPROM access busy. This bit is set when the serial EEPROM circuitry in the
bridge is downloading register defaults from a serial EEPROM.
0 = No EEPROM activity
1 = EEPROM download in progress
3(1)
SBDETECT
RWU
Serial EEPROM detected. This bit enables the serial-bus interface. The value of this bit
controls whether the GPIO3//SDA and GPIO4//SCL terminals are configured as GPIO
signals or as serial-bus signals. This bit is automatically set to 1b when a serial EEPROM
is detected.
Note: A serial EEPROM is only detected once following PERST.
0 = No EEPROM present, EEPROM load process does not happen. GPIO3//SDA and
GPIO4//SCL terminals are configured as GPIO signals.
1 = EEPROM present, EEPROM load process takes place. GPIO3//SDA and
GPIO4//SCL terminals are configured as serial-bus signals.
2(1)
SBTEST
RW
Serial-bus test. This bit is used for internal test purposes. This bit controls the clock source
for the serial interface clock.
0 = Serial-bus clock at normal operating frequency ~ 60 kHz (default)
1 = Serial-bus clock frequency increased for test purposes ~ 4 MHz
1(1)
SB_ERR
RCU
Serial-bus error. This bit is set when an error occurs during a software-initiated serial-bus
cycle.
0 = No error
1 = Serial-bus error
0(1)
ROM_ERR
RCU
Serial EEPROM load error. This bit is set when an error occurs while downloading
registers from a serial EEPROM.
0 = No error
1 = EEPROM load error
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
Memory-Mapped TI Proprietary Register Space
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com