Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 102 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 98Page - Texas Instruments XIO2001 Datasheet HTML 99Page - Texas Instruments XIO2001 Datasheet HTML 100Page - Texas Instruments XIO2001 Datasheet HTML 101Page - Texas Instruments XIO2001 Datasheet HTML 102Page - Texas Instruments XIO2001 Datasheet HTML 103Page - Texas Instruments XIO2001 Datasheet HTML 104Page - Texas Instruments XIO2001 Datasheet HTML 105Page - Texas Instruments XIO2001 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 131 page
background image
5.10 Secondary Uncorrectable Error Status Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
The secondary uncorrectable error status register reports the status of individual PCI bus errors as they
occur. Software may only clear these bits by writing a 1b to the desired location. See Table 5-8 for a
complete description of the register contents.
PCI Express extended register offset:
12Ch
Register type:
Read-only, Read/Clear
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5-8. Secondary Uncorrectable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
13
INTERNAL_ERROR
R
Internal bridge error. This error bit is associated with a PCI-X error and returns 0b when
read.
12(1)
SERR_DETECT
RCU
SERR assertion detected. This bit is asserted when the bridge detects the assertion of
SERR on the secondary bus.
11(1)
PERR_DETECT
RCU
PERR assertion detected. This bit is asserted when the bridge detects the assertion of
PERR on the secondary bus.
10(1)
DISCARD_TIMER
RCU
Delayed transaction discard timer expired. This bit is asserted when the discard timer
expires for a pending delayed transaction that was initiated on the secondary bus.
9(1)
UNCOR_ADDR
RCU
Uncorrectable address error. This bit is asserted when the bridge detects a parity error
during the address phase of an upstream transaction.
8
UNCOR_ATTRIB
R
Uncorrectable attribute error. This error bit is associated with a PCI-X error and returns 0b
when read.
7(1)
UNCOR_DATA
RCU
Uncorrectable data error. This bit is asserted when the bridge detects a parity error during
a data phase of an upstream write transaction, or when the bridge detects the assertion of
PERR when forwarding read completion data to a PCI device.
6
UNCOR_SPLTMSG
R
Uncorrectable split completion message data error. This error bit is associated with a
PCI-X error and returns 0b when read.
5
UNXPC_SPLTCMP
R
Unexpected split completion error. This error bit is associated with a PCI-X error and
returns 0b when read.
4
RSVD
R
Reserved. Returns 0b when read.
3(1)
MASTER_ABORT
RCU
Received master abort. This bit is asserted when the bridge receives a master abort on
the PCI interface.
2(1)
TARGET_ABORT
RCU
Received target abort. This bit is asserted when the bridge receives a target abort on the
PCI interface.
1
MABRT_SPLIT
R
Master abort on split completion. This error bit is associated with a PCI-X error and returns
0b when read.
0
TABRT_SPLIT
R
Target abort on split completion status. This error bit is associated with a PCI-X error and
returns 0b when read.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI Express Extended Configuration Space
102
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com