Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products MAX11040 Datasheet HTML 10Page - Maxim Integrated Products MAX11040 Datasheet HTML 11Page - Maxim Integrated Products MAX11040 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
8
_______________________________________________________________________________________
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
76
47
18
-11
200
400
600
800
1000
0
-40
105
AVDD = DVDD = 3.6V
IAVDD
IDVDD
CRYSTAL OSCILLATOR STARTUP TIME
MAX11040 toc20
40
μs/div
CLKOUT
500mV/div
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = 3.3V, fXIN CLOCK = 24.576MHz, fOUT = 16ksps, VREFIO = 2.5V (external), CREFIO = CREF0 = CREF1 = CREF2 =
CREF3 = 1µF, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
AIN0-
Negative Analog Input Channel 0
2
AIN0+
Positive Analog Input Channel 0
3
REF0
ADC0 Buffered Reference Voltage. Bypass REF0 with a 1µF capacitor to AGND.
4, 8, 10,
29, 31, 35
AGND
Analog Ground
5
AIN1-
Negative Analog Input Channel 1
6
AIN1+
Positive Analog Input Channel 1
7
REF1
ADC1 Buffered Reference Voltage. Bypass REF1 with a 1µF capacitor to AGND.
9
REFIO
Reference Voltage Output/Input. Reference voltage for analog-to-digital conversion. In internal reference
mode, the reference buffer provides a +2.5V nominal output. In external reference mode, overdrive REFIO
with an external reference between 2.3V to 2.7V. Bypass REFIO with a 1µF capacitor to AGND.
11, 28
DGND
Digital Ground
12, 27
DVDD
Positive Digital Supply Voltage. Bypass each DVDD to DGND with a 1µF capacitor in parallel with a
0.01µF capacitor as close as possible to the device.
13
CASCIN
Cascade Input. A logic-low on CASCIN while CS is a logic-low during the last cycle of a byte signals the
device to perform the requested data transfer during subsequent bytes using DIN and DOUT. Once the
requested transfer is completed, the part three-states DOUT and ignores DIN until a new command is
issued. CASCIN is clocked in at the rising edge of SCLK. Connect CASCIN to DGND when not daisy
chaining multiple devices. See the Multiple Device Connection section for connection recommendations.
14
CASCOUT
Cascade Output. CASCOUT is driven low during the last cycle of the last byte of a data transfer to signal
the next device in the daisy chain to begin transferring data on the next byte. CASCOUT changes after the
rising edge of SCLK. Leave CASCOUT unconnected when not daisy chaining multiple devices. See the
Multiple Device Connection section.
15
CS
Active-Low Chip-Select Input. A falling edge on CS while CASCIN is a logic-low enables DIN and DOUT
for data transfer. A logic-high on CS prevents data from being clocked in on DIN and places DOUT in a
high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com