Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX11040 Datasheet HTML 10Page - Maxim Integrated Products MAX11040 Datasheet HTML 11Page - Maxim Integrated Products MAX11040 Datasheet HTML 12Page - Maxim Integrated Products MAX11040 Datasheet HTML 13Page - Maxim Integrated Products MAX11040 Datasheet HTML 14Page - Maxim Integrated Products MAX11040 Datasheet HTML 15Page - Maxim Integrated Products MAX11040 Datasheet HTML 16Page - Maxim Integrated Products MAX11040 Datasheet HTML 17Page - Maxim Integrated Products MAX11040 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
14
______________________________________________________________________________________
|AIN+ - AIN-|
FULL SCALE
(|0.88VREF|)
FAULT DETECTION
THRESHOLD
(VPFT OR |VNFT|)
FAULT
OVRFLW
RECOVERY TIME
LATENCY
LATENCY
LATENCY
DIGITAL OUTPUT
DATA AT DOUT
LATENCY
Figure 5. Low-Frequency Analog Input Overvoltage Detection and Recovery
Reference
The MAX11040 operates with either a +2.5V internal
bandgap reference or an external reference source
between +2.3V and +2.7V applied at REFIO. Bypass
REFIO and each REF_ to AGND with a 1µF capacitor.
The reference voltage sets the positive and negative
full-scale voltage according to the following formula:
±FS = ±0.88 VREFIO
The reference voltage at REFIO (external or internal) is
individually buffered to generate the reference voltages
at REF0 to REF3 (see Figure 6.) These independent
buffers minimize the potential for crosstalk between
each of the internal ADCs.
Serial Interface
The MAX11040 interface is fully compatible with
SPI/DSP standard serial interfaces (compatible with SPI
modes CPOL = 0, CPHA = 0 and CPOL = 1, and CPHA
= 1). The serial interface provides access to four on-
chip registers: Sampling Instant Control register (32
bits), Data Rate Control register (16 bits), Configuration
register (8 bits), and Data register (96 bits). All serial-
interface commands begin with a command byte,
which addresses a specific register, followed by data
bytes with a data length that depends on the specific
register addressed and the number of devices cascad-
ed (see Figures 7, 8, and the
Registers section).
The serial interface consists of eight signals: CS,
SCLK, DIN, DOUT, CASCIN, CASCOUT, DRDYIN,
and DRDYOUT. CASCIN, CASCOUT, DRDYIN, and
DRDYOUT are used for daisy chaining multiple devices
together. See the
Multiple Device Connection section
for details on how to connect CASCIN, CASCOUT,
+2.5V
REFERENCE
REFIO
REF3
REF2
REF1
REF0
Figure 6. REFIO Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com