Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX11040 Datasheet HTML 11Page - Maxim Integrated Products MAX11040 Datasheet HTML 12Page - Maxim Integrated Products MAX11040 Datasheet HTML 13Page - Maxim Integrated Products MAX11040 Datasheet HTML 14Page - Maxim Integrated Products MAX11040 Datasheet HTML 15Page - Maxim Integrated Products MAX11040 Datasheet HTML 16Page - Maxim Integrated Products MAX11040 Datasheet HTML 17Page - Maxim Integrated Products MAX11040 Datasheet HTML 18Page - Maxim Integrated Products MAX11040 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
______________________________________________________________________________________
15
DRDYIN, and DRDYOUT. For single-device applications,
connect CASCIN and DRDYIN to DGND and drive CS
low to transfer data in and out of the MAX11040. With
DRDYIN low, a falling edge at the data ready signal out-
put (DRDYOUT) indicates that new conversion results
are available for reading in the 96-bit data register. A
falling edge on SCLK clocks in data at DIN. Data at
DOUT changes on the rising edge of SCLK and is valid
on the falling edge of SCLK. DIN and DOUT are trans-
ferred MSB first. Drive CS high to disable the interface
and place DOUT in a high-impedance state.
An interface operation with the MAX11040 takes effect
on the last rising edge of SCLK. If CS goes high before
the complete transfer, the write is ignored. Every data
transfer is initiated by the command byte. The com-
mand byte consists of an R/W bit and 7 address bits
(see Table 2.) Figures 7 and 8 show the timing for read
and write operations, respectively.
CS
DIN
SCLK
DOUT
HIGH-Z
DATA LENGTH (NUMBER OF BYTES) DEPENDS
ON THE REGISTER BEING READ (SEE TABLE 2)
COMMAND ADDRESS
tSU
tPW
tSCP
tHD
tHD
tDOT
tDOE
tDOD
B7 B6 B5 B4 B3 B2 B1 B0
DRDYOUT
DRDYIN
tPW
tCSW
tSU
HIGH-Z
A0
A1
A2
A3
A5
A6
R/W
tDRDY
DATA READY
A4
Figure 7. General Read-Operation Timing Diagram
CS
DIN
SCLK
DOUT
HIGH-Z
HIGH-Z
DATA LENGTH (NUMBER OF BYTES) DEPENDS ON
THE REGISTER BEING WRITTEN (SEE TABLE 2)
A6 A5 A4 A3 A2 A1 A0
B6
B7
B5 B4 B3 B2 B1
COMMAND ADDRESS
tSU
tHD
tHD
tSCP
tPW
tPW
tCSW
tSU
R/W
B0
Figure 8. General Write-Operation Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com