| Electronic Components Datasheet Search |
|
MAX11040 Datasheet(PDF) 25 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX11040 Datasheet(HTML) 25 Page - Maxim Integrated Products |
|
25 / 31 page ![]() 24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC ______________________________________________________________________________________ 25 S SY YN NC C for Simultaneous Sampling with Multiple Devices The SYNC input permits multiple devices to sample simultaneously. The mismatch between the power-up reset of multiple devices causes the devices to begin conversion at different times. After a falling edge on the SYNC input, the device completes the current conver- sion and then synchronizes subsequent conversions (see Figure 15). Upon a SYNC falling edge, the MAX11040 measures the time between the SYNC falling edge to the preceding DRDYOUT falling edge, waits until the next DRDYOUT falling edge, then pauses the ADC for the measured amount of time. Figure 15 shows an example where the converter is regularly sampling the input and producing a DRDYOUT with a period tS. The effect of a SYNC falling edge as shown in Figure 15 is described in sequence below: 1) A SYNC falling edge is issued two XIN clock cycles after the DRDYOUT event 2. 2) The converter remembers the two XIN clock cycles, and completes the current sample, issuing DRDYOUT event 3 a period of tS after DRDYOUT event 2. 3) Then, the converter pauses for the remembered time period, two XIN clock cycles for this example. 4) Correspondingly, DRDYOUT event 4 is issued two XIN cycles later than it would have without the SYNC falling edge. 5) The process continues as normal with DRDYOUT event 5 appearing tS after DRDYOUT event 4. XIN NOTE: THE LATENCY IS NOT TO SCALE. DRDYOUT SYNC AIN_ MEASURE PAUSE DELAY 2 CYCLES tS tS tS tS tS tS tS tS tS tS 1 1 2 2 3 3 4 4 5 5 6 Figure 15. Effect of a SYNC Falling Edge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |