Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11040 Datasheet HTML 1Page - Maxim Integrated Products MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
_______________________________________________________________________________________
5
Note 1: Devices are production tested at +105°C. Specifications to -40°C are guaranteed by design.
Note 2: Tested at VAVDD = VDVDD = +3.0V.
Note 3: Integral nonlinearity is the deviation of the analog value at any code from its ideal value after the offset and gain errors are
removed.
Note 4: Offset nulled.
Note 5: Offset and gain drift defined as change in offset and gain error vs. full scale.
Note 6: Noise measured with AIN_+ = AIN_- = AGND.
Note 7: Relative accuracy is defined as the difference between the actual RMS amplitude and the ideal RMS amplitude of a 62.5Hz
sine wave, measured over one cycle at a 16ksps data rate, expressed as a fraction of the ideal RMS amplitude. The rela-
tive accuracy specification refers to the maximum error expected over 1 million measurements. Calculated from SNR. Not
production tested.
Note 8: Latency is a function of the sampling rate and XIN clock. See the
Latency section in the Digital Filter section.
Note 9: Voltage levels below the positive fault threshold and above the negative fault threshold, relative to AGND on each individ-
ual AIN_+ and AIN_- input, do not trigger the analog input protection circuitry.
Note 10: Test performed using RXD MP35.
Note 11: All digital inputs at DGND or DVDD.
Note 12: SYNC is captured by the subsequent XIN clock if this specification is violated.
Note 13: Delay from DVDD exceeds 2.0V until digital interface is operational.
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +3.0V to +3.6V, VDVDD = +2.7V to VAVDD, fXIN CLOCK = 24.576MHz, fOUT = 16ksps, VREFIO = +2.5V (external), CREFIO =
CREF0 = CREF1 = CREF2 = CREF3 = 1µF to AGND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Pulse Width
tSYN
2
XIN
Clock
Cycles
XIN Clock Pulse Width
tXPW
16
ns
DRDYIN to DRDYOUT
tDRDY
CLOAD = 30pF
20
ns
XIN Clock to
DRDYOUT Delay
tXDRDY
DRDYIN = DGND
40
ns
XIN Clock Period
tXP
40
ns
XIN Clock to
SYNC Setup
tSS
(Note 12)
16
ns
SYNC to XIN Clock Hold
tHS
(Note 12)
5
ns
XIN to CLKOUT Delay
tXCD
40
ns
Power-On Reset Delay
(Note 13)
< 1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com