| Electronic Components Datasheet Search |
|
MAX11040 Datasheet(PDF) 22 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX11040 Datasheet(HTML) 22 Page - Maxim Integrated Products |
|
22 / 31 page ![]() 24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC 22 ______________________________________________________________________________________ Multiple Device Connection Daisy chain up to eight MAX11040 devices for applica- tions that require up to 32 simultaneously sampled inputs over a single SPI-/DSP-compatible serial interface with a single chip-select signal, and single interface commands that apply to all devices in the chain. The eight MAX11040 devices effectively operate as one device. There are two aspects to cascading multiple devices: the digital interface and the mechanism for keeping multiple devices sampling simultaneously. There are many configurations for connecting multiple devices; one is described in the next section, others are described in the Synchronizing Multiple Devices section within the Applications Information section. Multiple Device Digital Interface Figure 12 shows the most common way to daisy chain the digital interface of multiple devices. SPI bus arbitration is performed using CASCIN and CASCOUT. A falling edge at the CASCIN input of device n, which is driven by the CASCOUT of device n-1, allows device n to take over the SPI bus until all expect- ed data is written or read; at this point, device n pulls its CASCOUT output low. Similarly, CASCOUT of device n drives CASCIN of device n+1. Figures 11 and 13 show read operations, including CASCIN and CASCOUT tim- ings, for two cascaded devices and eight cascaded devices, respectively. The operation described above applies to all register operations except for writes to the Data Rate Control register. A fixed 16-bit word is written to the Data Rate Control registers of all devices in the chain, independent of the number of cascaded devices (see Figure 14). Reading from the Data Rate Control register returns 16 bits per cascaded device. Connecting the open-drain OVRFLW output of all devices together creates one signal that summarizes the overflow information of all devices. This is also true of the FAULT output. Connecting together these out- puts from multiple devices has the effect of a “wire NOR.” Any device that has an active condition on these outputs is allowed to pull the line low. MAX11040 SYNC CS SCLK DIN CASCIN DRDYIN DRDYOUT FAULT OVRFLW DOUT XIN DEVICE n+1 DEVICE 0 DEVICE n MAX11040 SYNC CS SCLK DIN CASCIN DRDYIN CASCOUT FAULT OVRFLW DOUT XIN XOUT CLKOUT MAX11040 SYNC CS SCLK DIN CASCIN DRDYIN CASCOUT FAULT OVRFLW DOUT XIN DSP OR MICROCONTROLLER CASCADE UP TO 8 DEVICES Figure 12. Daisy Chaining Multiple Devices |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |