| Electronic Components Datasheet Search |
|
MAX11040 Datasheet(PDF) 27 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX11040 Datasheet(HTML) 27 Page - Maxim Integrated Products |
|
27 / 31 page ![]() 24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC ______________________________________________________________________________________ 27 Applications Information Multiple Device Synchronization Synchronizing Multiple Devices Using a Shared XIN Clock Source To synchronize multiple devices sharing a single XIN clock source, transition the SYNC input that is shared by all devices high to low. When an external sync source is not available, connect DRDYOUT of one MAX11040 to the SYNC input of all devices in the chain. The MAX11040 ignores any SYNC transitions applied during the power-on reset. Synchronizing Multiple Devices Using Independent XIN Clock Sources If it is undesirable to connect the XIN clock sources together, due to EMI or other reasons, use DRDYIN, DRDYOUT, and SYNC to align the conversion timing as shown in Figure 17. This minimizes the effects of drift between the clock sources by resynchronizing after each conversion when DRDYOUT transitions low. In this configuration, the maximum correction caused by a SYNC edge is one XIN clock cycle. The resulting sampling rate is determined by the sampling frequency of the device with the slowest clock source, plus the delay through the DRDYIN to DRDYOUT chain between this slowest device and the end of the chain. Synchronizing Multiple Devices to an Independent Clock Source To periodically synchronize multiple devices to an inde- pendent timing source, connect the timing source to the SYNC inputs of the devices. If minimal jitter is important in the application, program the MAX11040’s to a frequency slightly slower than the external frequen- cy, such that SYNC falling edges only occur a short time after the DRDYOUT signals. MAX11040 SYNC CS SCLK DIN CASCIN DRDYIN DRDYOUT FAULT OVRFLW DOUT XIN DEVICE n+1 DEVICE 0 DEVICE n MAX11040 SYNC CS SCLK DIN CASCIN DRDYIN CASCOUT FAULT OVRFLW DOUT XIN XOUT CLKOUT MAX11040 SYNC CS SCLK DIN CASCIN DRDYIN CASCOUT DRDYOUT FAULT OVRFLW DOUT XIN XOUT XOUT DRDYOUT DSP OR MICROCONTROLLER CASCADE UP TO 8 DEVICES Figure 17. One Crystal per MAX11040 and All SYNC Inputs Driven by DRDYOUT of the Last Device in the Chain |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |