Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products MAX11040 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VAVDD = VDVDD = 3.3V, fXIN CLOCK = 24.576MHz, fOUT = 16ksps, VREFIO = 2.5V (external), CREFIO = CREF0 = CREF1 = CREF2 =
CREF3 = 1µF, TA = +25°C, unless otherwise noted.)
INL vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (V)
1.5
0.5
-0.5
-1.5
-0.004
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
0.004
0.005
-0.005
-2.5
2.5
HISTOGRAM OF RMS AMPLITUDE
AT 0.1% FS
RMS AMPLITUDE (% FS)
50
100
150
200
250
300
350
400
450
500
0
MAXIMUM EXPECTED ERROR OF CALCULATED
RMS AMPLITUDE vs. INPUT AMPLITUDE
INPUT AMPLITUDE (% FS)
10
1
0.1
0.01
0.1
1
0.001
0.01
100
1 MILLION 62.5Hz CYCLES
SIGNAL-TO-NOISE RATIO
vs. OUTPUT DATA RATE
OUTPUT DATA RATE (ksps)
10
1
90
100
110
120
130
80
0.1
100
FFT vs. FREQUENCY AT FULL SCALE
FREQUENCY (Hz)
7000
6000
5000
4000
3000
2000
1000
-120
-100
-80
-60
-40
-20
0
-140
0
8000
60Hz SINE-WAVE INPUT
FFT vs. FREQUENCY AT 0.1% FULL SCALE
FREQUENCY (Hz)
7000
6000
5000
4000
3000
2000
1000
-160
-140
-120
-100
-80
-60
-40
-180
0
8000
60Hz SINE-WAVE INPUT
RMS AMPLITUDE
vs. INPUT FREQUENCY
INPUT FREQUENCY (Hz)
1000
100
-0.4
-0.3
-0.2
-0.1
0
0.1
-0.5
10
10,000
RMS AMPLITUDE GAIN ERROR
vs. OUTPUT DATA RATE
OUTPUT DATA RATE (Hz)
10,000
1000
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
-0.05
100
100,000
RMS AMPLITUDE
vs. SOURCE RESISTANCE
SOURCE RESISTANCE (
Ω)
10,000
1000
100
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-9
10
100,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com