Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX11040
Description  24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX11040 Datasheet HTML 23Page - Maxim Integrated Products MAX11040 Datasheet HTML 24Page - Maxim Integrated Products MAX11040 Datasheet HTML 25Page - Maxim Integrated Products MAX11040 Datasheet HTML 26Page - Maxim Integrated Products MAX11040 Datasheet HTML 27Page - Maxim Integrated Products MAX11040 Datasheet HTML 28Page - Maxim Integrated Products MAX11040 Datasheet HTML 29Page - Maxim Integrated Products MAX11040 Datasheet HTML 30Page - Maxim Integrated Products MAX11040 Datasheet HTML 31Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
24-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADC
______________________________________________________________________________________
29
Source Impedance and
Input Sampling Network
The source impedance that drives the analog inputs
affects the sampling period.
Low-Impedance Sources
Minimize the source impedance to ensure the input
capacitor fully charges during the sampling phase.
The required source resistance is defined by the
equation below:
where K = 1.5 and RINT = 2600
Ω.
For example, the required source resistance to achieve
0.1% accuracy is:
High-Impedance Sources
If
the
source
impedance
is
greater
than
RSOURCE_MAX, as defined in the Low-Impedance
Sources section, place a 0.1µF bypass capacitor
between AIN_+ and AIN_- to provide transient charge.
The average switched-capacitor load with a proper
bypass capacitor and XIN clock frequency =
24.576MHz is equivalent to a 130k
Ω resistor connect-
ed between AIN_+ and AIN_-. This resistance is inde-
pendent of the value of the 0.1µF bypass capacitor. If
another XIN clock frequency is chosen, this resistance
is directly proportional to the XIN clock period.
Although the addition of a bypass capacitor helps charge
the MAX11040 input capacitor, some gain error due to
resistive drop across the source resistance still remains.
Calculate this gain error using the following equation:
Analog Filtering
The analog filtering requirements in front of the
MAX11040 are considerably reduced compared to a
conventional converter with no on-chip filtering. The
internal digital filter has significant rejection of signals
higher than the Nyquist frequency of the output data
rate that would alias back into the sampled signal.
The internal digital filter does not provide rejection
close to the harmonics of the 3.072MHz modulator fre-
quency. For example, assuming an output data rate of
16ksps if the XIN clock is set to 24.576MHz, then the
band between 3.0686MHz and 3.0750MHz is not
explicitly filtered. Since this unfiltered band is very
small compared to its actual frequency, very little
broadband noise enters through this mechanism. If
focused narrowband noise in this band is present, a
simple analog filter can create significant attenuation at
this frequency because the ratio of passband to stop-
band frequency is large.
In addition, because the device’s common-mode rejec-
tion extends out to several 100kHz, the common-mode
noise susceptibility in this frequency range is substan-
tially reduced.
Providing additional filtering in some applications
ensures that differential noise signals outside the fre-
quency band of interest do not saturate the analog
modulator.
The modulator saturates if the input voltage exceeds its
full scale (±2.2V). The digital filter does not prevent a
large signal in the filter stopband from saturating the
modulator. If signals outside the band of interest cause
violation of this full scale while accurate conversion of
passband signals is desired, then additional analog fil-
tering is required to prevent saturation.
Compensating for the Rolloff of
the Digital Filter in Typical FFT Analysis
To calculate FIR_GAIN(fAIN_):
1) Decide the number of evenly spaced frequencies
between DC and the Nyquist frequency of the output
data rate at which correction factors are desired,
which is usually the same as the FFT result.
2) Create an array with a length that is 2x the number of
the desired frequencies. (Again, the result is likely to
correlate with the time domain array that is loaded
into an FFT algorithm.)
3) Fill this array with the filter coefficients provided in
the
Digital Filter section. Fill the rest of the array with
zeros.
4) Take an FFT of this array. The result represents the
response of the MAX11040 built-in FIR filter.
Δ
Ω
Gain
R
RR
R
Rk
SOURCE
SOURCE
LOAD
SOURCE
SOURCE
=
+
=
+ 130
R
ns
xpF x
ns
xpF x
ns
xpF x
SOURCE MAX
_
.
ln
.%
.
ln
.
.
<
⎛
⎝⎜
⎞
⎠⎟
=
()
==
−
−
−
120
15
4
1
01
2600
120
1 5
4
1000
2600
120
15
4
6 91
2600
294
Ω
Ω
ΩΩ
R
t
Kx C
x In
Error
R
ns
xpF x In
Error
SOURCE MAX
SAMP
SAMP
INT
_
.
<
⎛
⎝⎜
⎞
⎠⎟
=
⎛
⎝⎜
⎞
⎠⎟
−
−
1
120
15
4
1
2600
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com