Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 1 Page - Analog Devices

  AD5293 Datasheet HTML 1Page - Analog Devices AD5293 Datasheet HTML 2Page - Analog Devices AD5293 Datasheet HTML 3Page - Analog Devices AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Single-Channel, 1024-Position,
1% R-Tolerance Digital Potentiometer
AD5293
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel, 1024-position resolution
20 kΩ nominal resistance
Calibrated 1% nominal resistor tolerance (resistor
performance mode mode)
Rheostat mode temperature coefficient: 35 ppm/°C
Voltage divider temperature coefficient: 5 ppm/°C
Single-supply operation: 9 V to 33 V
Dual-supply operation: ±9 V to ±16.5 V
SPI-compatible serial interface
Wiper setting readback
APPLICATIONS
Mechanical potentiometer replacement
Instrumentation: gain and offset adjustment
Programmable voltage-to-current conversion
Programmable filters, delays, and time constants
Programmable power supply
Low resolution DAC replacement
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
A
W
B
RDAC
REGISTER
10
SERIAL
INTERFACE
SYNC
SCLK
DIN
POWER-ON
RESET
VLOGIC
SDO
EXT_CAP
VDD
VSS
GND
AD5293
RESET
RDY
Figure 1.
GENERAL DESCRIPTION
The AD5293 is a single-channel, 1024-position digital poten-
tiometer1 with <1% end-to-end resistor tolerance error. The
AD5293 performs the same electronic adjustment function as a
mechanical potentiometer with enhanced resolution, solid state
reliability, and superior low temperature coefficient performance.
This device is capable of operating at high voltages and supporting
both dual-supply operation at ±10.5 V to ±15 V and single-supply
operation at 21 V to 30 V.
1 In this data sheet, the terms digital potentiometer and RDAC are used inter-
changeably.
The AD5293 offers guaranteed industry-leading low resistor
tolerance errors of ±1% with a nominal temperature coefficient
of 35 ppm/°C. The low resistor tolerance feature simplifies
open-loop applications as well as precision calibration and
tolerance matching applications.
The AD5293 is available in a compact 14-lead TSSOP package.
The part is guaranteed to operate over the extended industrial
temperature range of −40°C to +105°C.


Similar Part No. - AD5293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
938Kb / 24P
Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
More results

Similar Description - AD5293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com